Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560115VI-TRG Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL560115VI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560115VI-TRG Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL560115VI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560115VI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
2
APL5601/5602
Ordering and Marking Information
Marking for SOT-23-3
Product Name
Marking
APL5601-10A
61aX
APL5601-12A
615X
APL5601-15A
619X
APL5601-18A
61CX
APL5601-25A
61JX
APL5601-28A
61MX
APL5601-30A
61OX
APL5601-31A
61PX
APL5601-33A
61RX
APL5601-48A
61XX
APL5601-50A
61ZX
Note: The last character in the Marking, “X”, refers to date code.
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 to 7
V
VOUT
Output Voltage (VOUT to GND)
-0.3 to VIN+0.3
V
PD
Power Dissipation
Internally Limited
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature Range
-65 to 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 2: Stresses beyond the absolute maximum rating may damage the device and exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: For other voltage versions please contact ANPEC for details.
APL5601/2
Handling Code
Temperature Range
Package Code
Assembly Material
APL5601/2 D/V:
XXXXX - Date Code
VV - Voltage Code
APL5601
XXXXX VV
Voltage Code
Voltage Code
(Note 1)
10 : 1.0V 12 : 1.2V 15 : 1.5V 18 : 1.8V 25 : 2.5V
28 : 2.8V 30 : 3.0V 31 : 3.1V 33 : 3.3V 48 : 4.8V
50 : 5.0V
Package Code
A : SOT-23-3
D : SOT-89
V : SOT-223
Operating Ambient Temperature Range
I : -40 to 85
oC H : -40 to 125oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5602
XXXXX VV


Similar Part No. - APL560115VI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560115VI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com