Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560325BI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL560325BI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560325BI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL560325BI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL560325BI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
9
APL5603
Function Description
Thermal Shutdown
A thermal shutdown circuit limits the junction tempera-
ture of APL5603. When the junction temperature exceeds
+150oC, the thermal shutdown circuitry disables the
output, which allows the device to cool down. The output
circuitry is enabled again after the junction temperature
cools down by 40oC, resulting in a pulsed output during
continuous thermal overload conditions. Thermal pro-
tection is designed to protect the IC in the event of over-
temperature conditions. For reliable operation, the junc-
tion temperature cannot exceed T
J=+125
oC.
Enable and Shutdown
Driving the EN high turns on the regulator, driving the EN
low puts the regulator into shutdown mode. A logic low
also causes the output voltage to discharge to the GND.
The EN is pulled low by an internal resistor.
Under-Voltage Lockout (UVLO)
The APL5603 regulator has a built-in under-voltage lock-
out circuit to keep the output shut off until internal circuitry
is operating properly. The UVLO function initiates a soft-
start process after input voltage exceeds its rising UVLO
threshold during power on. Typical UVLO threshold is
2.4V with 0.15V hysteresis.
Soft-Start
The APL5603 provides an internal soft-start circuitry to
control rise rate of the output voltage and limit the current
surge during start-up. Approximate 20
µs delay time after
the V
IN is over the UVLO threshold, the output voltage
starts the soft-start. The typical soft-start interval is about
130
µs.
Current-Limit
The APL5603 provides a current-limit circuitry, which
monitors and controls P-MOS’s gate voltage, limiting the
output current to 700mA. For reliable operation, the de-
vice should not be operated in current-limit for extended
period.
Short-Circuit Current-Limit
When the output voltage drops below 0.6V due to over-
load or short-circuit, the internal short-circuit current-limit
circuitry limits the output current down to 250mA. The
short-circuit current-limit is used to reduce the power dis-
sipation during short-circuit condition. In some high V
IN-
V
OUT conditions, if the junction temperature is over the
thermal shutdown temperature, the device will enter the
thermal shutdown. Please refer to the section on thermal
considerations for power dissipation calculations. The
short-circuit current-limit has featured with blanking time
after the UVLO threshold is reached, so that it will avoid
the output causing short-circuit current-limit protection
during start-up; the blanking time is about 600
µs.


Similar Part No. - APL560325BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560325BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com