Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5605 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5605
Description  600mA Linear Regulator for DC Fan Speed Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5605 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5605 Datasheet HTML 1Page - Anpec Electronics Coropration APL5605 Datasheet HTML 2Page - Anpec Electronics Coropration APL5605 Datasheet HTML 3Page - Anpec Electronics Coropration APL5605 Datasheet HTML 4Page - Anpec Electronics Coropration APL5605 Datasheet HTML 5Page - Anpec Electronics Coropration APL5605 Datasheet HTML 6Page - Anpec Electronics Coropration APL5605 Datasheet HTML 7Page - Anpec Electronics Coropration APL5605 Datasheet HTML 8Page - Anpec Electronics Coropration APL5605 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Mar., 2009
APL5605
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
600mA Linear Regulator for DC Fan Speed Control
The APL5605 is a low quiescent current and low dropout
linear regulator which is designed to power a DC fan
and delivers up to 600mA output current. The output
voltage follows the 1.6 times of VSET voltage and typi-
cal dropout voltage is only 220mV (typical) at 600mA
output current. The APL5605 with low 140
µA quiescent
current is ideal for battery-powered system appliances
and stable with a 2.2
µF ceramic output capacitor. The
features of current-limit (with foldback current) and over-
temperature protection protect the device against cur-
rent over-loads and over temperature. The APL5605 is
available in a SOP-8 package.
Features
General Description
Applications
Simplified Application Circuit
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Low Dropout Voltage: 220mV (Typical) @ 600mA
Low Quiescent Current: 140
µA
Enable/Shutdown Function
Output Voltage / VSET Voltage: 1.6 times
Stable with Low ESR Ceramic Capacitors
Over-Temperature Protection
Current-Limit Protection with Foldback Current
Internal Soft-Start
SOP-8 Package
Lead Free and Green Devices Available
(RoHS Compliant)
Notebook Fan Driver
Motherboards
PC Peripherals
Battery-Powered System
V
IN
V
OUT
C1
C2
1
µF
2.2
µF
VIN
VOUT
GND
APL5605
ON
OFF
EN
VSET
V
SET
Package Code
K : SOP-8
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APL5605
Handling Code
Temperature Range
Package Code
Assembly Material
APL5605 K :
XXXXX - Date Code
APL5605
XXXXX


Similar Part No. - APL5605

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL5605

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5606 ANPEC-APL5606_16 Datasheet
382Kb / 16P
   Low Dropout 600mA Linear Regulator for DC Fan Control
APL5606 ANPEC-APL5606 Datasheet
366Kb / 16P
   Low Dropout 600mA Linear Regulator for DC Fan Control
logo
Advanced Power Electron...
APE8873 A-POWER-APE8873 Datasheet
242Kb / 5P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER CONTROL
APE8875 A-POWER-APE8875 Datasheet
348Kb / 9P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
   600mA Low Dropout Linear Regulator
FP6132 FITIPOWER-FP6132 Datasheet
490Kb / 9P
   600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com