Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL111718GC-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL111718GC-TRG
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL111718GC-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL111718GC-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL111718GC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. C.10 - Sep., 2010
APL1117
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
APL1117, APL1117-33
APL1117-50
APL1117-12, APL1117-18, APL1117-25, APL1117-28
15
13
9
V
TJ
Junction Temperature Range
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Note 1: The values here show the absolute maximum rating, and for normal usage please refer the test condition in Electrical
Characteristics Table.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
TA
Ambient Temperature
0 ~ 70
oC
TJ
Junction Temperature
0 ~ 125
oC
Electrical Characteristics
APL1117
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
10mA
≤ I
OUT
≤1A, 1.4V≤(V
IN -VOUT)
≤10.75V,
TJ = 0~125
°C
1.225
1.250
1.275
V
Output Voltage
APL1117-12 TJ = 0~125
°C,
0
≤ I
OUT
≤ 1A, 2.65V≤ V
IN
≤9V
1.176
1.200
1.224
APL1117-18 TJ = 0~125°C,
0
≤ I
OUT
≤ 1A, 3.25V≤ V
IN
≤9V
1.764
1.800
1.836
APL1117-25 TJ = 0~125°C,
0
≤ I
OUT
≤ 1A, 3.95V≤ V
IN
≤9V
2.450
2.500
2.550
APL1117-28 TJ = 0~125°C,
0
≤ I
OUT
≤1A, 4.25V≤ V
IN
≤9V
2.790
2.850
2.910
APL1117-33 TJ = 0~125°C,
0
≤ I
OUT
≤ 1A, 4.75V≤ V
IN
≤12V
3.235
3.300
3.365
VOUT
APL1117-50 TJ = 0~125
°C,
0
≤ I
OUT
≤ 1A, 6.45V≤ V
IN
≤12V
4.900
5.000
5.100
V
Line Regulation
APL1117 IOUT =10mA, 1.5V
≤(V
IN -VOUT)
≤10.75V (Note 2)
-
0.03
0.2
%
APL1117-12 IOUT = 0A, 2.65V
≤ V
IN
≤9V (Note 2)
-
1
6
APL1117-18 IOUT = 0A, 3.25V
≤ V
IN
≤9V (Note 2)
-
1
6
APL1117-25 IOUT = 0A, 3.95V
≤ V
IN
≤9V (Note 2)
-
1
6
APL1117-28 IOUT = 0A, 4.25V
≤ V
IN
≤9V (Note 2)
-
1
6
APL1117-33 IOUT = 0A, 4.75V
≤ V
IN
≤12V (Note 2)
-
1
6
REGLINE
APL1117-50 IOUT = 0A, 6.45V
≤ V
IN
≤12V (Note 2)
-
1
6
mV
Unless otherwise noted, these specifications apply over C
IN = 10µF , COUT = 10µF, and
T
A = 0 to 70°C. Typical values
refer to T
A = 25°C.


Similar Part No. - APL111718GC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TU ANPEC-APL1117-18GC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL111718GC-TRG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com