Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5546-AKAC-TRL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5546-AKAC-TRL
Description  Dual Channel 500mA/500mA Regulator Reset IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5546-AKAC-TRL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5546-AKAC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 14Page - Anpec Electronics Coropration APL5546-AKAC-TRL Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2006
www.anpec.com.tw
11
APL5546
Application Information
Capacitor Selection and Regulator Stabil-
ity
The APL5546 uses at least a 1uF capacitor on the
input. This capacitor can use Aluminum, Tantalum or
Ceramic capacitors. Input capacitor with large value
and low ESR provides better PSRR and line-transient
response. The output capacitor also can use
Aluminum, Tantalum or Ceramic capacitors, and it’s
minimum values is recommended 4.7uF, ESR muse
be above 0.01
Ω. Large output capacitor values can
reduce noise and improve load-transient response,
stability, and PSRR. Note that some ceramic dielec-
trics exhibit large capacitance and ESR variation with
Temperature. If use this capacitor, it may be neces-
sary to use 4.7uF or more to ensure stability at tem-
perature below -10
°C.
Load-Transient Considerations
The APL5546 load-transient response graphs in Typi-
cal Characteristics show the transient response. A
step change in the load current from 1mA to 500mA
at 1u second will cause less than 200mV transient
spike. Large output capacitor’s value and low ESR
can reduce transient spike.
Shutdown/Enable
The APL5546 has an active high enable function. Force
CONT high (>1.6V) enables the VOUT1 , CONT low (<0.
4V) disables the VOUT1 and VOUT2 can not be affected
by CONT. Enter the shutdown mode, it also causes
the output voltage to discharge through a 500
Ω resis-
tance to ground. In shutdown mode, the quiescent
current can reduce to 70uA. The CONT pin cannot be
floating, a floating CONT pin may cause an indetermi-
nate state on the output. If it is no use, connect to VIN
for normal operation.
RESET
The RESET pin is asserted whenever VDET falls below
the reset threshold voltage or if CONT is forced low at
some special IC(refer timing chart and pin description).
The reset function ensures the microprocessor is prop-
erly reset and powers up into a known condition after
a power failure. RESET will remain valid with VIN as
low as 0.95V. The RESET output is a simple open-
drain N channel MOSET structure. A pull-up resistor
must be used to pull this output up to some voltage.
For most application, this voltage will be the same
power supply that supplies VIN to the APL5546. The
APL5546 is relatively immune to negative-going
glitches below the reset threshold. Typically reset delay
time is 13ms while using 0.1uF at Cd pin. If more
transient immunity is needed, a Cd capacitor can be
placed as larger as possible.
Input-Output (Dropout)Voltage
The minimun input-output voltage differential (dropout)
determines the lowest usable supply voltage. The drop-
out voltage is a function of drain-to-source on resis-
tance multiplied by the load current.
Current Limit
APL5546 includes two separate current-limit circuitry
for each linear regulator. The current limit protection,
which sense the current flows the P-channel MOSFET,
and controls the output voltage. The point where limit-
ing occurs is IOUT=800mA. The output can be shorted
to ground for an indefinite amount of time without dam-
aging to the part.


Similar Part No. - APL5546-AKAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5546-AKAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com