Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5101-19A Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5101-19A
Description  150mA, 4mA Quiescent Current Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-19A Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5101-19A Datasheet HTML 1Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 2Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 3Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 4Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 5Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 6Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-19A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
3
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN,VOUT
Input Voltage or Out Voltage
6.5
V
SHDN
VOUT Shutdown Control Pin
6.5
V
RTH,JA
Thermal Resistance-Junction to Ambient
SOT-23
SOT-23-5
SOT-89
260
260
180
°C /W
RTH,JC
Thermal Resistance-Junction to Ambient
SOT-23
SOT-23-5
SOT-89
130
130
90
°C /W
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature Range
-40 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Electrical Characteristics
Unless otherwise noted these specificatons apply over full temperature, V
IN = 5V, CIN = COUT = 1µF, TA = -40 to 85°C. Typical values
refer to T
A = 25°C.
APL5101/2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2
-
6
V
Output Voltage Accuracy
VIN = 5V
-2
-
2
%
VOUT
Output Voltage Range
1.2
-
3.5
V
ILIMIT
Current-Limit
VIN = 5V
250
300
370
mA
IOUT = 0mA
-
4
7
Quiescent Current
IOUT = 150mA
-
4
10
IQ
Shutdown Supply Current
VSHDN = High
-
0.1
1
µA
IOUT
Load Current
150
-
-
mA
REGLINE
Line Regulation
VOUT + 0.5V<VIN<6V, IOUT = 10mA
-
2
10
mV
REGLOAD
Load Regulation
VIN = 5V, 0Ma<IOUT<IMAX
-
15
30
mV
VOUT
= 1.4V, IOUT = 150mA
-
1000
1300
VOUT
= 1.8V, IOUT = 150mA
-
600
900
VDROP
Dropout Voltage
(Note)
VOUT
= 3.3V, IOUT = 150mA
-
200
300
mV
PSRR
Ripple Rejection
F = 1kHz, COUT = 1
µF, I
OUT = 10mA
30
40
-
dB
ISHORT
Short Circuit Current
VOUT = 0V
-
55
-
mA


Similar Part No. - APL5101-19A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101-19AI ANPEC-APL5101-19AI Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
More results

Similar Description - APL5101-19A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com