Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5523-EVALZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5523-EVALZ
Description  400 MHz to 4000 MHz Low Noise Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5523-EVALZ Datasheet HTML 5Page - Analog Devices ADL5523-EVALZ Datasheet HTML 6Page - Analog Devices ADL5523-EVALZ Datasheet HTML 7Page - Analog Devices ADL5523-EVALZ Datasheet HTML 8Page - Analog Devices ADL5523-EVALZ Datasheet HTML 9Page - Analog Devices ADL5523-EVALZ Datasheet HTML 10Page - Analog Devices ADL5523-EVALZ Datasheet HTML 11Page - Analog Devices ADL5523-EVALZ Datasheet HTML 12Page - Analog Devices ADL5523-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADL5523
Rev. B | Page 9 of 24
2600 MHz, VPOS = 5 V
Matched for optimal noise figure, external matching circuit included.
20
15
10
5
0
–5
–10
–15
–20
–25
–30
2100
2200
2300
2400
2500
2600
2700
2800
2900
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 15. Typical S-Parameters, Log Magnitude
16
14
12
10
8
6
4
2
0
50
45
40
35
30
25
20
15
10
2500 2520 2540 2560 2580
2620
2600
2640 2660 2680 2700
FREQUENCY (MHz)
GAIN
P1dB
OIP3
NOISE FIGURE
Figure 16. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 17. Noise Figure vs. Temperature
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
Figure 18. Noise Figure vs. Frequency at 25°C, Multiple Devices
16.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
40
34
32
16.0
15.5
38
36
30
28
26
24
22
20
18
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+85°C
+85°C
+85°C
+25°C
+25°C
+25°C
–40°C
–40°C
–40°C
GAIN
P1dB
OIP3
Figure 19. Gain, OIP3, and P1dB vs. Temperature
42
40
38
34
36
32
30
28
24
26
22
20
18
–6 –4
0
–2
2
4
6
8
10 12 14 16 18 20 22
POUT PER TONE (dBm)
+25°C
–40°C
+85°C
Figure 20. OIP3 vs. Output Power (POUT) and Temperature


Similar Part No. - ADL5523-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
376Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
589Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
677Kb / 21P
   Low Noise Amplifier
More results

Similar Description - ADL5523-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
logo
Analog Devices
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
   400 MHz to 4000 MHz
REV. B
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
   5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
logo
BeRex Corporation
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
   5-4000 MHz Wideband Low Noise Amplifier
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
   Low Noise Amplifier 50??400 to 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com