Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2246AH5C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # TMC2246AH5C
Description  Image Filter 11 x 10 bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2246AH5C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TMC2246AH5C Datasheet HTML 1Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 2Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 3Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 4Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 5Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 6Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 7Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 8Page - Fairchild Semiconductor TMC2246AH5C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PRODUCT SPECIFICATION
TMC2246A
4
REV. 1.0.3 9/11/00
Pin Assignments
120 Lead Metric Quad Flat Pack (KE) Package
C44
C45
C46
C47
C48
VDD
C49
C410
D40
GND
D41
D42
D43
D44
D45
D46
D47
D48
D49
ENB3
ENB2
ENB1
ENB4
ENSEL
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
Pin
Name
CLK
FSEL
ACC
OCEN
OEN
S15
S14
GND
S13
S12
S11
VDD
S10
S9
S8
GND
S7
S6
S5
VDD
S4
S3
S2
GND
1
120
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
S1
S0
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
C110
C19
C18
C17
C16
GND
C15
C14
C13
VDD
C12
C11
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
Pin Name
Pin Name
C10
C20
C21
C22
C23
C24
C25
C26
C27
C28
C29
C210
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D39
GND
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
D38
D37
D36
D35
D34
D33
D32
D31
D30
C310
C39
C38
C37
C36
C35
C34
C33
C32
C31
C30
C40
C41
C42
C43
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
Pin Name
Pin
Name


Similar Part No. - TMC2246AH5C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246AH5C CADEKA-TMC2246AH5C Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
TMC2246AH5C1 CADEKA-TMC2246AH5C1 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
TMC2246AH5C2 CADEKA-TMC2246AH5C2 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
More results

Similar Description - TMC2246AH5C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246A CADEKA-TMC2246A Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
   11 MHz Lowpass Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA2634A TAI-SAW-TA2634A Datasheet
464Kb / 8P
   SAW Filter 2140 MHz BW 60 MHz SMD 1.4 x 1.1mm
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com