Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5523KC-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5523KC-TRG
Description  Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5523KC-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5523KC-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5523KC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2009
APL5523
www.anpec.com.tw
8
Package Information
SOP-8P
0.020
0.010
0.020
0.050
0.006
0.063
MAX.
0.40
L
0
E
e
h
E1
0.25
D
c
b
0.17
0.31
0.016
1.27
0.50
1.27 BSC
0.51
0.25
0.050 BSC
0.010
0.012
0.007
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.00
1.25
SOP-8P
MAX.
0.15
1.60
MIN.
0.000
0.049
INCHES
D1
2.25
0.098
2.00
0.079
E2
3.50
3.00
0.138
0.118
8o
0o
8o
0o
°
D
e
SEE VIEW
A
c
b
D1
THERMAL
PAD
L
VIEW A
SEATING PLANE
GAUGE PLANE
Inter-lead flash and protrusions shall not exceed 10 mil per side.
Note : 1. Follow JEDEC MS-012 BA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side .
3. Dimension "E" does not include inter-lead flash or protrusions.
4.80
5.00
5.80
6.20
3.80
4.00
0.244
0.228
0.157
0.150
0.197
0.189


Similar Part No. - APL5523KC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523KC-TR ANPEC-APL5523KC-TR Datasheet
143Kb / 11P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523KC-TRL ANPEC-APL5523KC-TRL Datasheet
143Kb / 11P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
More results

Similar Description - APL5523KC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
   500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com