Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ160A Datasheet(PDF) 6 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMBJ160A
Description  600W Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMBJ160A Datasheet(HTML) 6 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMBJ160A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ160A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ160A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ160A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ160A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ160A Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMBJ5.0 --- SMBJ440CA
Package Outline Dimensions and Pad Layouts
DO-214AA (SMB)
Dim
Millimeters
Inches
Min
Max
Min
Max
A
4.06
4.57
0.160
0.180
B
3.30
3.94
0.130
0.155
C
1.95
2.20
0.077
0.086
D
0.13
0.31
0.006
0.012
E
5.08
5.59
0.200
0.220
F
----
0.20
----
0.008
G
1.95
2.62
0.077
0.103
H
0.76
1.52
0.030
0.060
WWW.SEMITECH.CN


Similar Part No. - SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ160A LITTELFUSE-SMBJ160A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
SMBJ160A SECOS-SMBJ160A Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
Jinan Gude Electronic D...
SMBJ160A JGD-SMBJ160A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ160A DIGITRON-SMBJ160A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Taiwan Semiconductor Co...
SMBJ160A TSC-SMBJ160A Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMBJ160A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com