Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5537C5CTI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5537C5CTI-TRG
Description  Dual Channel 300mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5537C5CTI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5537C5CTI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5537C5CTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
www.anpec.com.tw
4
APL5537
Typical Operating Characteristics
Frequency (Hz)
PSRR vs. Frequency
I
OUT1=50mA
100
1k
10k
100k
1M
-100
-80
-60
-40
-20
0
Quiescent Current vs. Temperature
Temperature (oC)
APL5537-OC
V
IN=VEN=4.2V
45
50
55
60
65
-40 -25
0
25
50
75
100
125
Temperature (oC)
Output Voltage vs. Temperature
-40 -25
0
25
50
75
100
125
2.90
2.95
3.00
3.05
3.10
APL5537-OC
V
OUT1
Output Voltage vs. Temperature
Temperature (oC)
1.70
1.75
1.80
1.85
1.90
-40 -25
0
25
50
75
100
125
APL5537-OC
V
OUT2
Time (sec)
Noise
I
OUT=50mA
V
IN=VEN=4.2V (Battery)
-200
200
-150
-100
-50
0
50
100
150
0
100m
20m
40m
60m
80m
Dropout Voltage vs. Output Current
Output Current (mA)
T
J=125
oC
T
J=-40
oC
T
J=25
oC
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350


Similar Part No. - APL5537C5CTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL5537WCTI-TRG ANPEC-APL5537WCTI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537WQBI-TRG ANPEC-APL5537WQBI-TRG Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537_15 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
More results

Similar Description - APL5537C5CTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com