Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5338QBI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5338QBI-TRG
Description  2A Bus Termination Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338QBI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5338QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL5338QBI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
9
Block Diagram
Soft-Start and
Control Logic
POR
Thermal
Shutdown
Current Limit
VREF
VCNTL
S3
S5
PGND
VTT
VTTREF
VIN
VTTSEN
GND
Typical Application Circuit
V
TT
1.575 /0 .9/0.75/0.675V
-2~+2 A
VREF
VTT
VIN
PGND
VTTSNS
VCNTL
S 5
GND
S 3
VTTREF
APL5338
1
2
3
4
5
6
9
8
7
10
CIN
10
µF
COUT
10
µF
C1
0.1
µF
V
IN
3.15/1.8/1 .5/1.35V
V
CNTL
5V
C2
0.1
µF


Similar Part No. - APL5338QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338A ANPEC-APL5338A Datasheet
241Kb / 19P
   2A Bus Termination Regulator
APL5338AQAI-TRG ANPEC-APL5338AQAI-TRG Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338AQBI-TRG ANPEC-APL5338AQBI-TRG Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338AQBI-TRG ANPEC-APL5338AQBI-TRG Datasheet
241Kb / 19P
   2A Bus Termination Regulator
More results

Similar Description - APL5338QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
   2A Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173B RICHTEK-RT9173B Datasheet
262Kb / 13P
   2A Bus Termination Regulator
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
   2A Bus Termination Regulator
logo
Fitipower Integrated Te...
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
   2A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
   3A/2A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com