Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3520BAQAI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3520BAQAI-TRG
Description  USB Dual Power-Distribution Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3520BAQAI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3520BAQAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3520BAQAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Nov., 2012
APL3520A/B/C/D
www.anpec.com.tw
3
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APL3520
Package Code
K : SOP-8
X : MSOP-8 XA : MSOP-8P
QB : TDFN2x2-8 QA : DFN3x3-8
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Output Current/EN Function
A: 1.5A/Active High
B: 1.5A/ Active Low
C: 1A/Active High
D: 1A/Active Low
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APL3520A/B/C/D
K:
APL3520A
XXXXX
Assembly Material
XXXXX - Date Code
APL3520A/B/C/D
QB:
L20A
X
X
- Date Code
Output Current/EN
Function
APL3520A/B/C/D
X:
L520A
XXX
XX
- Date Code
APL3520B
XXXXX
L520B
XXX
XX
XXX
XX
L20B
X
APL3520A/B/C/D
XA:
APL3520C
XXXXX
APL3520D
XXXXX
L520C
XXX
XX
L520D
XXX
XX
L20C
X
L20D
X
APL3520A/B/C/D
QA:
APL
3520A
XXXXX
XXXXX
- Date Code
APL
3520B
XXXXX
APL
3520C
XXXXX
APL
3520D
XXXXX
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Input Voltage (VIN to GND)
-0.3 ~ 5.7
V
VOUT1, VOUT2
VOUT1, VOUT2 to GND Voltage
-0.3 ~ 5.7
V
VEN1, VEN2
EN1, EN2 to GND Voltage (APL3520A/C)
-0.3 ~ 5.7
V
VENB1, VENB2
ENB1, ENB2 to GND Voltage (APL3520B/D)
-0.3 ~ 5.7
V
VOCB1, VOCB2
OCB1, OCB2 to GND Voltage
-0.3 ~ 5.7
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
HBM (Human Body Mode)
2
kV
ESD Immunity
MM (Machine Mode)
200
V
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.


Similar Part No. - APL3520BAQAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3521 ANPEC-APL3521 Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3521AI-TRG ANPEC-APL3521AI-TRG Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3521BI-TRG ANPEC-APL3521BI-TRG Datasheet
275Kb / 18P
   Power-Distribution Switches
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3520BAQAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
430Kb / 24P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2042DR TI-TPS2042DR Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Impala Linear Corporati...
ILC7536 IMPALA-ILC7536 Datasheet
42Kb / 1P
   USB DUAL POWER CONTROL SWITCHES
logo
Allegro MicroSystems
2526 ALLEGRO-2526 Datasheet
220Kb / 12P
   USB DUAL POWER CONTROL SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com