Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22X5YA Datasheet(PDF) 20 Page - Fairchild Semiconductor

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC22X5YA Datasheet(HTML) 20 Page - Fairchild Semiconductor

Back Button TMC22X5YA Datasheet HTML 16Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 17Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 18Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 19Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 20Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 21Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 22Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 23Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 24Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
TMC22x5yA
PRODUCT SPECIFICATION
20
REV. 1.0.0 2/4/03
Control Register Definitions (continued)
Comb Filter Control (0C)
76543210
ADAPT
YCES
YCSEL
COMB
Reg
Bit
Name
Description
0C
7-6
ADAPT
Adaption mode. Sets the 3-line comb filter adaption mode in NTSC.
0C
5
YCES
YC input error signal control. Error signal control for YC input, luma comb.
0C
4
YCSEL
Luma/chroma comb filter select. Selects luma or chroma comb filter.
0C
3-0
COMB
Comb filter architecture.
ADAPT[1:0]
Function
00
Adapts to best of 3 types of line based comb filters in NTSC
only.
01
Adapts to the best of two field or frame based comb filters
in NTSC only.
10
3 line (tap) comb only. Never adapts to a 2 line (tap) filter.
The higher set of comb filter error signals are sent to the
XLUT. NTSC or PAL comb filter.
11
Adapts to best of two 3 line chroma comb filters in PAL only.
YCES
Function
0
LPF and HPF error signal, between (0H & 1H) or (1H & 2H) in
NTSC or between (0H & 2H) in PAL,are sent to XLUT
1
LPF error signal, between (0H & 1H) and (1H & 2H) in NTSC or
between (0H & 2H) in PAL, are sent to XLUT
YCSEL
Function
0
Chroma comb filter
1
Luma comb filter
COMB
Function
YC or composite comb filter architectures
0000
PAL or NTSC 3 line comb
0001
NTSC 3 line comb (0H & 1H)
0010
NTSC 3 line comb (1H & 2H)
0011
NTSC 2 line comb (0H & 1H)
0100
NTSC (2 line) field comb
0101
NTSC or PAL field comb
0110
NTSC (2 line) frame comb
0111
NTSC frame comb
D1 comb filter architectures
1000
3 line comb
1001
3 line comb (0H & 1H)
1010
3 line comb (1H & 2H)
1011
3 line comb (0H & 2H)
1100
(2 line) field comb
1101
field or 2 line (0H & 1H) comb
1110
(2 line) frame comb
1111
frame comb


Similar Part No. - TMC22X5YA

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results

Similar Description - TMC22X5YA

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com