Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC22X5YA Datasheet(PDF) 42 Page - Fairchild Semiconductor

Part # TMC22X5YA
Description  Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC22X5YA Datasheet(HTML) 42 Page - Fairchild Semiconductor

Back Button TMC22X5YA Datasheet HTML 38Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 39Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 40Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 41Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 42Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 43Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 44Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 45Page - Fairchild Semiconductor TMC22X5YA Datasheet HTML 46Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
TMC22x5yA
PRODUCT SPECIFICATION
42
REV. 1.0.0 2/4/03
phase relationship to the chroma on 1H. Therefore normally
0H and 2H are added together to produce the average luma
across 3 lines and this is then subtracted from 1H to produce
the combed chroma.
Figure 7. Chrominance Vector Rotation in PAL and NTSC
YC Line-Based Comb Filters
The luminance and chrominance signals, are by definition,
already separated for YC inputs. However, if the original
source was composite, there is a distinct possibility that there
is some residual luminance (cross color) in the chrominance
signal and some residual chrominance (cross luma) in the
luminance signal. It is therefore legitimate to treat these
signals as if they were simply the output from bandsplit
filters and process the luma and chroma signals accordingly.
D1 Line-Based Comb Filters
A D1 data stream consists of multiplexed Y, CB and CR
component data. If the original source was composite there
maybe luminance (cross color) in CBCR and chrominance
(cross luma) in Y. In the first case any luminance that was
passed through a demodulator along with the chroma to
produce the baseband CBCR color difference signals would
have the same characteristics as chroma. That is to say, the
cross color would advance by 180
° every line in NTSC and
every 2 lines in PAL. It is therefore possible to remove this
cross color in a comb filter. In the latter case any chromi-
nance that is still in the Y data can obviously be removed in a
comb filter as well.
The original source for the D1 signal could also have been
computer graphics. In this case, the comb filter can be used
to remove the picture flicker and convert the output to RGB.
NTSC Frame and Field Based
Decoders
Composite Frame-Based Comb Filters
In NTSC the chrominance vectors advance by 180 degrees
every line, therefore after 525 lines the 2 adjacent frame lines
0H and FR0H and the two consecutive field lines FR0H and
FR1H are 180 degrees apart. The flat color on FR0H and
FR1H can be added or subtracted to provide the luminance
or chrominance to subtract from 0H.
Figure 8. Chrominance Vector Rotation Over 4
Fields in NTSC
Composite Field-Based Comb Filters
In NTSC field based comb decoders, there is an external
delay of 263 lines, therefore the 2 adjacent picture lines 0H
and F0H and the two consecutive field lines F0H and F1H
are 180 degrees apart. The flat color on F0H and F1H can be
added or subtracted to provide the luminance or chromi-
nance to subtract from 0H.
PAL Field Decoders
Composite, PAL Field Comb Filters
In PAL field based comb decoders, there is an external delay
of 312 lines, therefore the 2 adjacent picture lines 0H and F0H
are 180 degrees apart. In fields 5, 6, 7, and 8 the U and V
vectors are 180 degrees advanced from fields 1, 2, 3, and 4.
Figure 9. Chrominance Vector Rotation
Over 4 Fields in PAL
PAL
NTSC
LINE no
V
U
V
U
Q
Q
Q
Q
I
I
I
V
U
V
U
V
U
N+1
N
N+2
N+3
N+4
M
M+1
M+2
M+3
2H
1H
0H
65-22x5y-48
FIELD
0
0
0
0
0
1
1
1
1
LINE no
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
22
21
23
24
283
284
285
286
FIELD 1
FIELD 2
FIELD 3
FIELD 4
(1H)
(0H)
(F1H)
(F0H)
(FR1H)
(FR0H)
65-22x5y-49
V
V
V
U
V
V
U
U
U
V
V
V
V
U
U
V
V
U
U
U
U
V
V
V
U
U
U
U
24
23
25
26
336
337
338
65-22x5y-50
LINE no
FIELD 1
FIELD 2 FIELD 3 FIELD 4
(0H)
(F0H)
(FR0h)
(FR0H)


Similar Part No. - TMC22X5YA

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results

Similar Description - TMC22X5YA

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com