Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL158125KAC-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL158125KAC-TRG
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL158125KAC-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL158125KAC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.8 - Jan., 2012
APL1581
www.anpec.com.tw
10
Figure 2. Remote Voltage Sensing
VIN
VCNTL
VOUT
VSENSE
V
OUT
V
IN
V
CNTL
GND
APL1581
Load
RP
Fixed Voltage
Device
Grounding and Output Sensing (Cont.)
Application Information (Cont.)
Stability and Output Capacitors
The circuit design of using the APL1581 series requires
an output capacitor as part of the device frequency
compensation. The following chart shows a stable re-
gion to select output capacitor for APL1581. This region
above the curve indicates minimum required ESR and
capacitance to maintain stability. However, the output ca-
pacitor should have an ESR less than 1
Ω.
Capacitance(
µF)
Stable Region
0
20
40
60
80
100
1
10
100
1000
A low-ESR solid tantalum and aluminum electrolytic ca-
pacitor (ESR<1
Ω) works extremely well and provides good
transient response and stability over temperature. Ultra-
low-ESR capacitors, such as ceramic chip capacitors, may
promote unstable or under-damped transient response,
but proper ceramic chip capacitors placed near loads can
be used as decoupling capacitors.
The output capacitors are also used to reduce the slew
rate of load current and help the APL1581 to minimize
variations of the output voltage, improving transient
response. For this purpose, the low-ESR capacitors are
recommended.
Input Capacitors
The input capacitors of VCNTL and VIN pins are not re-
quired for stability but for supplying surge currents during
large load transients, and this will prevent the input rail
from drooping and improve the performance of the
APL1581. Because parasitic inductors from voltage
sources or other bulk capacitors to the VCNTL and VIN
pins will limit the slew rate of the surge currents during
large load transients, resulting in voltage drop at VIN and
VCNTL pins.
A capacitor of 1
µF (ceramic chip capacitor) or greater
(aluminum electrolytic capacitor) is recommended and
connected near VCNTL pin. For VIN pin, an aluminum
electrolytic capacitor (>33
µF) is recommended. It is not
necessary to use low-ESR capacitors. More capacitance
reduces the variations of the input voltage at VIN pin.
Layout and Thermal Consideration
The APL1581 series have internal power and thermal
limiting (T
J=150
oC typical) circuitry designed to protect
the device under overload conditions. However, maximum
junction temperature ratings should not be exceeded
under continuous normal load conditions. Careful con-
sideration must be given to all sources of thermal resis-
tance from junction to ambient, including junction-to-case,
case-to-heat sink interface, and heat sink resistance itself.
See Figure 3, the SOP-8P is a cost-effective package
featuring a small size as a standard SOP-8 and a bottom
thermal pad to minimize the thermal resistance of the
package, being applicable to high current applications.
The thermal pad is soldered to the top VOUT plane which
may be connected to internal or bottom VOUT plane by
vias to reduce the heat sink thermal resistance. Therefore,
the printed circuit board (PCB) forms a heat sink and
dissipates heat into ambient air.


Similar Part No. - APL158125KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158125KAC-TRG ANPEC-APL158125KAC-TRG Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
More results

Similar Description - APL158125KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com