Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5333 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5333
Description  3A Bus Termination Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5333 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5333 Datasheet HTML 1Page - Anpec Electronics Coropration APL5333 Datasheet HTML 2Page - Anpec Electronics Coropration APL5333 Datasheet HTML 3Page - Anpec Electronics Coropration APL5333 Datasheet HTML 4Page - Anpec Electronics Coropration APL5333 Datasheet HTML 5Page - Anpec Electronics Coropration APL5333 Datasheet HTML 6Page - Anpec Electronics Coropration APL5333 Datasheet HTML 7Page - Anpec Electronics Coropration APL5333 Datasheet HTML 8Page - Anpec Electronics Coropration APL5333 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3A Bus Termination Regulator
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2008
APL5333
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Sourcing and Sinking Current up to 3A
Wide Input Voltage Range: 1.2V to 3.6V
VTT and VTTREF Voltage Tracks at Half the
VREF Voltage
VTT and VTTREF Voltage with ±20mV Accuracy
Excellent Load Transient Response
- Droop Compensation
- Fast Loop Response
Stable with 20
µF Ceramic Output Capacitors
Current Limit Protection
Thermal Shutdown Protection
Power-On-Reset Function on VCNTL
S3, S5 Input Signals for ACPI States
Available in a Thermal Enhanced MSOP-10P
Package
Lead Free Available (RoHS Compliant)
Features
Applications
DDR 1/2/3 Memory Termination
SSTL-2, STL-18 and HSTL Termination
General Description
The APL5333 linear regulator is designed to provide a
regulated voltage with bi-directional output current for
DDR-SDRAM termination. The APL5333 integrates two
power transistors to source or sink current up to 3A. It
also incorporate current-limit, thermal shutdown into a
single chip.
The output voltage of APL5333 tracks the voltage at VREF
pin. An internal resistor divider is used to provide a half
voltage of VREF for VTTREF and VTT Voltage. The VTT
output voltage is only requiring 20
µF of ceramic output
capacitance for stability and fast transient response. The
S3 and S5 pins provide the sleep state for VTT (S3 state)
and suspend state (S4/S5 state) for device, when S5 and
S3 are both pulled low the device provides the soft-off for
VTT and VTTREF. The MSOP-10P package with a copper
pad is available which provides excellent thermal
impedance.
Simplified Application Circuit
V
TT
VREF
VTT
VIN
PGND
VTTSNS
VCNTL
S5
GND
S3
VTTREF
APL5333
1
2
3
4
5
6
9
8
7
10
V
IN
V
CNTL
5V
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant
with RoHS and compatible with both SnPb and lead-free soldering operations. ANPEC lead-free products meet or exceed the lead-free requirements of
IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
Package Code
XA : MSOP-10P
Temperature Range
I : - 40 to 85 oC
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
APL5333
Handling Code
Temperature Range
Package Code
L5333
XXX
XX
APL5333 XA :
X - Date Code
Lead Free Code


Similar Part No. - APL5333

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5333

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
logo
List of Unclassifed Man...
HPL5331 ETC1-HPL5331 Datasheet
260Kb / 20P
   3A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com