Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5316 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5316
Description  Low Dropout 300mA Linear Regulator With Power-Ok Indicator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5316 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5316_11 Datasheet HTML 7Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 8Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 9Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 10Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 11Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 12Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 13Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 14Page - Anpec Electronics Coropration APL5316_11 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun, 2011
APL5316
www.anpec.com.tw
11
Application Information (Cont.)
PCB Layout Consideration ( Cont.)
Figure 2
VIN
GND
VOUT
2
1
5
APL5316
V
OUT
R
1
LOAD
C
IN
V
IN
C
OUT


Similar Part No. - APL5316_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5316-12BI-TRG ANPEC-APL5316-12BI-TRG Datasheet
395Kb / 15P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-12BI-TRL ANPEC-APL5316-12BI-TRL Datasheet
395Kb / 15P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
More results

Similar Description - APL5316_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316 Datasheet
395Kb / 15P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com