Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5315 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5315 Datasheet HTML 1Page - Anpec Electronics Coropration APL5315 Datasheet HTML 2Page - Anpec Electronics Coropration APL5315 Datasheet HTML 3Page - Anpec Electronics Coropration APL5315 Datasheet HTML 4Page - Anpec Electronics Coropration APL5315 Datasheet HTML 5Page - Anpec Electronics Coropration APL5315 Datasheet HTML 6Page - Anpec Electronics Coropration APL5315 Datasheet HTML 7Page - Anpec Electronics Coropration APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APL5315
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN = VOUT+1V (min VIN=2.8V), IOUT=0~300mA, CIN = 1µF, COUT = 2.2µF,
T
A = -40 to 85
oC. Typical values are at T
A = 25
oC.
APL5315
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.8
-
6
V
VOUT
Output Voltage Range
0.8
-
5.5
V
IQ
Quiescent Current
IOUT =10mA ~300mA
-
135
160
µA
VREF
Reference Voltage
Measured on SET, VIN=2.8V, IOUT=10mA
-
0.8
-
V
Output Voltage Accuracy
TA=25°
C, IOUT=10mA
-1
-
+1
%
Output Voltage Accuracy
TA=-40°
C ~ 85°
C, IOUT=10mA
-2
-
+2
%
REGLINE
Line Regulation
∆V
OUT%/
∆V
IN, IOUT=10mA
-0.06
-
+0.06
%/V
REGLOAD Load Regulation
∆V
OUT%/∆IOUT
-0.2
-
+0.2
%/A
VOUT = 2.5V, IOUT = 300mA
-
230
360
VDROP
Dropout Voltage
VOUT = 3.3V, IOUT = 300mA
-
170
300
mV
PSRR
Power Supply Ripple Rejection
Ratio
f = 10kHz, IOUT = 300mA
-
45
-
dB
Noise
f = 80Hz to 100KHz, IOUT = 300mA
-
160
-
µV
RMS
ILIMIT
Current Limit
450
600
-
mA
ISHORT
Foldback Current
VOUT = 0V
-
80
-
mA
SHDN Input Voltage High
1.6
-
-
SHDN Input Voltage Low
-
-
0.4
V
Shutdown VIN Supply Current
SHDN = Low, VIN = 6V
-
0.1
1
µA
SHDN Pull Low Resistance
-
3
-
m
VOUT Discharge MOSFET
RDS(ON)
SHDN = Low
-
60
-
Over Temperature Threshold
-
160
-
°
C
Over Temperature Hysteresis
-
40
-
°
C
SET Input Threshold for
Fixed/Adjustable Output
Voltage Mode
-
100
-
mV
SET Input Bias Current
VSET=0.8V
-100
-
100
nA
TSS
Soft-Start Interval
-
60
-
µs


Similar Part No. - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-12 ANPEC-APL5315-12 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-12BI-TRL ANPEC-APL5315-12BI-TRL Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-15 ANPEC-APL5315-15 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-18 ANPEC-APL5315-18 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results

Similar Description - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125_15 Datasheet
350Kb / 8P
   SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
   Adjustable Low Dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com