Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5315 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5315 Datasheet HTML 5Page - Anpec Electronics Coropration APL5315 Datasheet HTML 6Page - Anpec Electronics Coropration APL5315 Datasheet HTML 7Page - Anpec Electronics Coropration APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration APL5315 Datasheet HTML 10Page - Anpec Electronics Coropration APL5315 Datasheet HTML 11Page - Anpec Electronics Coropration APL5315 Datasheet HTML 12Page - Anpec Electronics Coropration APL5315 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2008
APL5315
www.anpec.com.tw
9
Shutdown Control
The APL5315 has an active-low shutdown function. Force
SHDN high (>1.6V) enables the V
OUT; force SHDN low
(<0.4V) disables the V
OUT. SHDN is internally pulled low
by a resistor (3m
Ω typical). If it is not used, connect to VIN
for normal operation.
Typical Application Circuits (Cont.)
2. Adjustable Output Voltage Mode
Function Description
Internal Soft-Start
An internal soft-start function controls rising rate of the
output voltage to limit the surge current at start-up. The
typical soft-start interval is about 80
µs.
 +
=
R2
R1
1
0.8
V
OUT
Where R1 is connected from VOUT to SET with Kelvin
sensing and R2 is connected from SET to GND. The
recommended value of R2 is in the range of 100~100k
Ω.
An error amplifier working with a temperature compen-
sated 0.8V reference and an output PMOS regulates the
output to the presetting voltage. The error amplifier
designed with high bandwidth and DC gain provides
very fast transient response and less load regulation.
It compares the reference with the feedback voltage and
amplifies the difference to drive the output PMOS which
provides load current from VIN to VOUT.
 +
=
R2
R1
1
0.8
V
OUT
Thermal Shutdown
A thermal shutdown circuit limits the junction tempera-
ture of APL5315. When the junction temperature exceeds
+160οC, a thermal sensor turns off the output PMOS,
allowing the device to cool down. The regulator regu-
lates the output again through initiation of a new soft-
start cycle after the junction temperature is cooled down
by 40oC.The thermal shutdown designed with a 40oC hys-
teresis lowers the average junction temperature during
continuous thermal overload conditions, extending life-
time of the device.
For normal operation, device power dissipation should
be externally limited so that junction temperature will not
exceed 125oC.
Output Voltage Regulation
The APL5315 can work in either fixed or adjustable mode
by connecting the SET to GND or a resistor-divider which
receives the feedback voltage of the regulator. The output
voltage set by the resistor-divider is determined by:
VIN
SHDN
GND
VOUT
SET
C
IN
1
2
3
4
5
APL5315
V
OUT
C
OUT
V
IN
2.2
µF
1
µF
Enable
Shutdown
R
1
R
2


Similar Part No. - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-12 ANPEC-APL5315-12 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-12BI-TRL ANPEC-APL5315-12BI-TRL Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-15 ANPEC-APL5315-15 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315-18 ANPEC-APL5315-18 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results

Similar Description - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125_15 Datasheet
350Kb / 8P
   SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
   Adjustable Low Dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com