Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3534BBBI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL3534BBBI-TRG
Description  Compact, Small Package 1A Power-Distribution Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3534BBBI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL3534BBBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL3534BBBI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Oct., 2013
APL3534/A/B
www.anpec.com.tw
10
Package Information
SOT-23-5
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23-5
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
°
8
°
0
°
8
°
0
b
c
e1
L
VIEW A
GAUGE PLANE
SEATING PLANE
e
D
SEE
VIEW A
1.40
2.60
1.80
3.00
2.70
3.10
0.122
0.071
0.118
0.102
0.055
0.106
Note : 1. Follow JEDEC TO-178 AA.
2. Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil
per side.


Similar Part No. - APL3534BBBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3533QBI-TRG ANPEC-APL3533QBI-TRG Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3534BBBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3517 ANPEC-APL3517 Datasheet
558Kb / 18P
   Compact, Small Package 100mA Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com