Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3519ABI-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3519ABI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3519ABI-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3519ABI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3519ABI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
5
Typical Operating Characteristics
Switch On Resistance vs.
Ambient Temperature
Switch On Resistance vs.
Input Voltage
Supply Current vs.
Junction Temperature
Supply Current vs. Input Voltage
Current Limit Threshold vs.
Junction Temperature
Current Limit Threshold vs.
Input Voltage
-50
0
50
100
150
Ambient Temperature (oC)
30
40
50
60
70
80
90
100
110
120
V
IN =5V, IOUT =1A
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
30
40
50
60
70
80
90
100
110
120
I
OUT =1A, TA=25
o
C
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
20
25
30
35
40
45
50
55
60
R
LOAD = Open,
C
IN =COUT =33µF/Electrolytic, TA=25
o
C
0
20
40
60
80
100
o
C
-50
0
50
100
150
)
Junction Temperature (
V
IN =5V, RLOAD = Open,
C
IN =COUT =33µF/Electrolytic
APL3518A/B, APL3519A/B
APL3518C/D, APL3519C/D
o
C
-50
0
50
100
150
)
Junction Temperature (
V
IN =5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
APL3518A/B, APL3519A/B
APL3518C/D, APL3519C/D
T
A =25
o
C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8


Similar Part No. - APL3519ABI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3519ABI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com