Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2246AG1C Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # TMC2246AG1C
Description  Image Filter 11 x 10 bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2246AG1C Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button TMC2246AG1C Datasheet HTML 6Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 7Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 8Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 9Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 10Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 11Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 12Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 13Page - Fairchild Semiconductor TMC2246AG1C Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PRODUCT SPECIFICATION
TMC2246A
10
REV. 1.0.3 9/11/00
Application Notes
Typical Operation
The versatile input clock enables and unrestricted data and
coefficient inputs provided on the TMC2246A allow consid-
erable flexibility in numerous image and signal processing
architectures.
Table 2 shows a typical sequence of operations which clari-
fies the inherent latencies of the device and illustrates fixed
coefficient storage, product accumulation, and device recon-
figuration prior to beginning a new accumulation. This
assumes that the device is set to fractional two’s complement
mode (FSEL = LOW) with OCEN = LOW, OEN = LOW,
and the input registers configured to hold coefficients only
(ENSEL = LOW). X= “don’t care.”
Using the TMC2246A for Pixel Interpolation
As a companion product to the TMC2301 Image Resampling
Sequencer, the TMC2246A offers an excellent tool for per-
forming high-speed pixel interpolation and image filtering.
Any pixel resampling operation with multiple-pixel kernels
must utilize some parallel-processing technique, such as
memory banding, to maintain high-speed image throughput
rates. Memory banding utilizes adders to generate parallel
offset addresses, allowing the user to access multiple pixel
locations simultaneously. Using such techniques, one
TMC2246A can perform bilinear interpolation (four-pixel
kernel) with no loss in system performance.
Larger kernels can be realized in similar systems with addi-
tional TMC2246As. Figure 5 illustrates a basic pixel interpo-
lation application.
Timing Diagram
CLK
D1-49-0
CONTROLS1
S15-0
2
DA
DB
5
4
3
2
1
SA
1/fCLK
tS
tH
tPWH
tDO
tHO
tPWKL
6
C1-410-0
CA
CB
Notes:
1. Except OEN.
2. Assumes OEN = LOW.


Similar Part No. - TMC2246AG1C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246AG1C CADEKA-TMC2246AG1C Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
TMC2246AG1C1 CADEKA-TMC2246AG1C1 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
TMC2246AG1C2 CADEKA-TMC2246AG1C2 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
More results

Similar Description - TMC2246AG1C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246A CADEKA-TMC2246A Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
   11 MHz Lowpass Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA2634A TAI-SAW-TA2634A Datasheet
464Kb / 8P
   SAW Filter 2140 MHz BW 60 MHz SMD 1.4 x 1.1mm
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com