Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3546KAI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3546KAI-TRG
Description  Power -Distribution Switches with Soft Start
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546KAI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3546KAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3546KAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APL3546
www.anpec.com.tw
4
Pin Description
FUNCTION
NO.
SOP-8
SOP-8P
TDFN2x2-6
NAME
1
1
1
VIN
Power Supply Input. Connect this pin to external DC supply.
2
2
2
SS
Soft Start Control Pin. Connect a capacitor to GND to control the soft start rate. If
the SS pin is left floating the soft start time is 2ms when VIN=12V.
3
3,9
3
GND
GND
4
4
-
NC
No connection.
5
5
-
NC
No connection.
6
6
4
EN
Enable Input. Pull this pin to high to enable the device and pull this pin to low to
disable device. The EN pin cannot be left floating.
7
7
5
NC
No connection.
8
8
6
VOUT
Output Voltage Pin. The output voltage follows the input voltage. When EN is low
the output voltage is discharged by an internal resistor.
Electrical Characteristics(Cont.)
Unless otherwise specified, these specifications apply over V
IN=12V, VEN =5V. Typical values are at TA=25
oC.
APL3546
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EN INPUT PIN
VIH
Input Logic High
VIN=4.5V to 24V
2
-
-
V
VIL
Input Logic Low
VIN=4.5V to 24V
-
-
0.6
V
Input Current
-
-
1
µA
VOUT Discharge Resistance
VEN=0V
-
950
-
tD(ON)
Turn on Delay Time
-
300
-
µs
tD(OFF)
Turn off Delay Time
-
3
-
µs
OVERT-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
TJ rising
-
150
-
°C
Over-Temperature Hysteresis
-
20
-
°C


Similar Part No. - APL3546KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3546A ANPEC-APL3546A Datasheet
329Kb / 17P
   Power -Distribution Switches with Soft Start
APL3546LAKAI-TRG ANPEC-APL3546LAKAI-TRG Datasheet
329Kb / 17P
   Power -Distribution Switches with Soft Start
APL3546LAQBI-TRG ANPEC-APL3546LAQBI-TRG Datasheet
329Kb / 17P
   Power -Distribution Switches with Soft Start
More results

Similar Description - APL3546KAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3546A ANPEC-APL3546A Datasheet
329Kb / 17P
   Power -Distribution Switches with Soft Start
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3514 ANPEC-APL3514 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com