Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3511EXI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3511EXI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3511EXI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3511EXI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3511EXI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2012
APL3510/1
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
USB Power-Distribution Switches
70m
Ω (MSOP-8) High Side MOSFET
Wide Supply Voltage Range: 2.7V to 5.5V
Current-Limit and Short-Circuit Protections
Over-Temperature Protection
Fault Indication Output
Enable Input
UL Approved-File No. E328191
Nemko IEC 60950-1:2005(2nd Edition)+Am 1:2009
EN 60950-1:2006+A11:2009+A1:2010+A12:2011
CB_Scheme Certified, No.67404
TUV IEC 60950-1: 2005+A1:2009 and EN 60950-1:
2006+A11:2009+A1:2010 Certified, No.44 780 11
393954
Lead Free and Green Devices Available
(RoHS Compliant)
The APL3510/1 series of power switches are designed
for USB applications. The 70m
Ω N-channel MOSFET
power switch satisfies the voltage drop requirements of
USB specification.
Features
General Description
Applications
Notebook and Desktop Computers
USB Ports
High-Side Power Protection Switchs
Pin Configurations
The protection features include current-limit protection,
short-circuit protection, and over-temperature protection.
The device limits the output current at current limit thresh-
old level. When V
OUT drops below VIN-1V, the devices limit
the current to a lower and safe level. The over-tempera-
ture protection limits the junction temperature below
140oC in case of short circuit or over load conditions.
Other features include a deglitched OCB output to indi-
cate the fault condition and an enable input to enable or
disable the device.
Simplified Application Circuit
VIN 2
7 VOUT
VIN 3
ENB 4
6 VOUT
5 OCB
8 VOUT
GND 1
SOP-8/MSOP-8
APL3510B/D
(Top View)
6 VOUT
5 OCB
GND 1
VIN 2
7 VOUT
VIN 3
EN 4
8 VOUT
SOP-8/MSOP-8
APL3510A/C
(Top View)
GND 2
5 VIN
OCB 3
4 EN
VOUT 1
SOT-23-5
APL3511A/C
(Top View)
GND 2
5 VIN
OCB 3
4 ENB
VOUT 1
SOT-23-5
APL3511B/D
(Top View)
GND 2
5 VOUT
EN 3
4 VIN
OCB 1
SOT-23-5
APL3510A/C/E
(Top View)
SOT-23-5
APL3510B/D/F
(Top View)
GND 2
5 VOUT
ENB 3
4 VIN
OCB 1
VIN
VOUT
GND
APL3510A/B/C/D/E/F
APL3511A/B/C/D
OCB
EN/ENB
USB
Controller
5V
USB Port


Similar Part No. - APL3511EXI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512ABI-TRG ANPEC-APL3512ABI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AKI-TRG ANPEC-APL3512AKI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AQBI-TRG ANPEC-APL3512AQBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512BBI-TRG ANPEC-APL3512BBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
More results

Similar Description - APL3511EXI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com