Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1008CS-270XFLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008CS-270XFLB
Description  Chip Inductors - 1008CS Series (2520)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008CS-270XFLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008CS-270XFLB Datasheet HTML 1Page - Coilcraft lnc. 1008CS-270XFLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
1008CS Series (2520)
Document 101-2
Document 101-2 Revised 01/11/12
Inductance2
Percent
SRF min5
DCR max6
Irms7
Color
Part number1
(nH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
code8
1008CS-100X_L_
10 @ 50 MHz
5,2
50 @ 500 MHz
4100
0.08
1000
Black
1008CS-120X_L_
12 @ 50 MHz
5,2
50 @ 500 MHz
3300
0.09
1000
Red
1008CS-150X_L_
15 @ 50 MHz
5,2
50 @ 500 MHz
2500
0.10
1000
Orange
1008CS-180X_L_
18 @ 50 MHz
5,2
50 @ 350 MHz
2500
0.11
1000
Yellow
1008CS-220X_L_
22 @ 50 MHz
5,2,1
55 @ 350 MHz
2400
0.12
1000
Blue
1008CS-270X_L_
27 @ 50 MHz
5,2
55 @ 350 MHz
1600
0.13
1000
Black
1008CS-330X_L_
33 @ 50 MHz
5,2
60 @ 350 MHz
1600
0.14
1000
Orange
1008CS-390X_L_
39 @ 50 MHz
5,2
60 @ 350 MHz
1500
0.15
1000
Violet
1008CS-470X_L_
47 @ 50 MHz
5,2,1
65 @ 350 MHz
1500
0.16
1000
Red
1008CS-560X_L_
56 @ 50 MHz
5,2,1
65 @ 350 MHz
1300
0.18
1000
Yellow
1008CS-680X_L_
68 @ 50 MHz
5,2,1
65 @ 350 MHz
1300
0.20
1000
Gray
1008CS-820X_L_
82 @ 50 MHz
5,2,1
60 @ 350 MHz
1000
0.22
1000
Red
1008CS-101X_L_
100 @ 25 MHz
5,2,1
60 @ 350 MHz
1000
0.56
650
Violet
1008CS-121X_L_
120 @ 25 MHz
5,2,1
60 @ 350 MHz
950
0.63
650
White
1008CS-151X_L_
150 @ 25 MHz
5,2,1
45 @ 100 MHz
850
0.70
580
Red
1008CS-181X_L_
180 @ 25 MHz
5,2,1
45 @ 100 MHz
750
0.77
620
Orange
1008CS-221X_L_
220 @ 25 MHz
5,2,1
45 @ 100 MHz
700
0.84
500
Green
1008CS-271X_L_
270 @ 25 MHz
5,2,1
45 @ 100 MHz
600
0.91
500
White
1008CS-331X_L_
330 @ 25 MHz
5,2,1
45 @ 100 MHz
570
1.05
450
Orange
1008CS-391X_L_
390 @ 25 MHz
5,2,1
45 @ 100 MHz
500
1.12
470
Blue
1008CS-471X_L_
470 @ 25 MHz
5,2,1
45 @ 100 MHz
450
1.19
470
Black
1008CS-561X_L_
560 @ 25 MHz
5,2,1
45 @ 100 MHz
415
1.33
400
Green
1008CS-621X_L_
620 @ 25 MHz
5,2,1
45 @ 100 MHz
375
1.40
300
Blue
1008CS-681X_L_
680 @ 25 MHz
5,2,1
45 @ 100 MHz
375
1.47
400
Gray
1008CS-751X_L_
750 @ 25 MHz
5,2,1
45 @ 100 MHz
360
1.54
360
Black
1008CS-821X_L_
820 @ 25 MHz
5,2,1
45 @ 100 MHz
350
1.61
400
Brown
1008CS-911X_L_
910 @ 25 MHz
5,2,1
35 @ 50 MHz
320
1.68
380
Red
1008CS-102X_L_
1000 @ 25 MHz
5,2,1
35 @ 50 MHz
290
1.75
370
Yellow
1008CS-122X_L_
1200 @ 7.9 MHz
5,2
35 @ 50 MHz
250
2.0
310
Blue
1008CS-152X_L_
1500 @ 7.9 MHz
5,2
28 @ 50 MHz
200
2.3
330
Gray
1008CS-182X_L_
1800 @ 7.9 MHz
5,2
28 @ 50 MHz
160
2.6
300
Brown
1008CS-222X_L_
2200 @ 7.9 MHz
5,2
28 @ 50 MHz
160
2.8
280
Orange
1008CS-272X_L_
2700 @ 7.9 MHz
5,2
22 @ 25 MHz
140
3.2
290
Green
1008CS-332X_L_
3300 @ 7.9 MHz
5,2
22 @ 25 MHz
110
3.4
290
Violet
1008CS-392X_L_
3900 @ 7.9 MHz
5,2
20 @ 25 MHz
100
3.6
260
Gray
1008CS-472X_L_
4700 @ 7.9 MHz
5,2
20 @ 25 MHz
90
4.0
260
White
1008CS-562XJL_
5600 @ 7.9 MHz
5
16 @ 7.9 MHz
20
4.0
240
Black
1008CS-682XJL_
6800 @ 7.9 MHz
5
18 @ 7.9 MHz
40
4.9
200
Brown
1008CS-822XJL_
8200 @ 2.5 MHz
5
18 @ 7.9 MHz
25
6.0
170
Red
1. When ordering, specify
tolerance, termination and packaging codes:
1008CS-472XJLC
Tolerance:
F = 1% G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 per full reel).
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 per full
reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. SRF measured using an Aglilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF840 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Current production parts are marked with one dot. Prior production
parts were marked with three dots. Part marking does not indicate
polarity.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - 1008CS-270XFLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-270XFLD COILCRAFT-1008CS-270XFLD Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
More results

Similar Description - 1008CS-270XFLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008CS-270XGLC COILCRAFT-1008CS-270XGLC Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
213Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-621XJBC COILCRAFT-1008CS-621XJBC Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-331XJLB COILCRAFT-1008CS-331XJLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-911XFLC COILCRAFT-1008CS-911XFLC Datasheet
161Kb / 2P
   Chip Inductors - 1008CS Series (2520)
1008CS-102XGLB COILCRAFT-1008CS-102XGLB Datasheet
213Kb / 2P
   Chip Inductors ??1008CS Series (2520)
1008CS-151XKLB COILCRAFT-1008CS-151XKLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
1008CS-151XGLC COILCRAFT-1008CS-151XGLC Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
1008CS-561XGLB COILCRAFT-1008CS-561XGLB Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
1008CS-561XGLC COILCRAFT-1008CS-561XGLC Datasheet
104Kb / 2P
   Chip Inductors ??1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com