Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL354028KI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL354028KI-TRG
Description  High-Side Power Distribution Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL354028KI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL354028KI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL354028KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage (VIN to GND)
10 to 26
V
VEN
EN to GND Voltage
0 to 5
V
TA
Ambient Temperature
-40 to 85
oC
TJ
Junction Temperature
-40 to 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=19V, VEN =5V and TA= -40 to 85
oC. Typical values are at T
A=25
oC.
APL3540
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
UNDER-VOLTAGE LOCKOUT (UVLO) AND SUPPLY CURRENT
VUVLO
VIN UVLO Threshold Voltage
VIN rising, TA= -40 to 85
oC
7.0
7.5
8.0
V
VIN UVLO Hysteresis
0.3
0.4
0.5
V
TD(ON)
Power-On Delay Time
VIN >VUVLO, VEN=5V, and
VVINSEL(H)>VVINSEL> VVINSEL(L)
5
8.5
12
ms
No load, VEN =5V
-
750
1200
µA
IVIN
VIN Supply Current
No load, VEN =0V
-
400
600
µA
WRONG VIN INPUT VOLTAGE PROTECTION
VVINSEL(L)
VINSEL Low Detection Rising
Threshold
VIN rising, IC is on, VIN=10V to 21V
1.223
1.275
1.305
V
VINSEL Low Detection Falling
Threshold
VIN falling, IC is off, VIN=10V to 21V
1.148
1.200
1.230
V
VVINSEL(H)
VINSEL High Detection Rising
Threshold
VIN rising, IC is off, VIN=10V to 21V
1.748
1.800
1.830
V
VINSEL High Detection Falling
Threshold
VIN falling, IC is on, VIN=10V to 21V
1.673
1.725
1.755
V
VINSEL Input Current
VVINSEL=40V
-
-
1
µA
VINSEL Low Detection Debounce
VVINSEL falling, VVINSEL < VVINSEL(L)
-
10
-
µs
VINSEL High Detection Debounce
VVINSEL rising, VVINSEL > VVINSEL(H)
-
10
-
µs
GATE DRIVER
VDRV-OUT
DRV to VOUT Voltage
VDRV-VOUT, VIN=19
4.3
4.6
4.9
V
DRV Source Current
VDRV=10V, VDRV-VOUT=2.5
155
185
215
µA
DRV Discharge Resistance
Any fault condition and shutdown
(connected from DRV to VOUT), VDRV=5V,
VOUT=GND
1.8
2.0
2.2
k
PROTECTIONS
Under-Voltage Protection Threshold VOUT falling, VOUT/VIN
65
70
75
%
Under-Voltage Protection Debounce
-
5
-
µs
IOCSET
OCSET Source Current
No load, VVINSEL=1.5V, VEN=5V,
VOCSET=18.9V
45
50
55
µA
OCSET Offset Voltage
-10
0
10
mV
Over-Current Debounce
-
10
-
µs


Similar Part No. - APL354028KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542AQBI-TRG ANPEC-APL3542AQBI-TRG Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542QBI-TRG ANPEC-APL3542QBI-TRG Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
APL3546 ANPEC-APL3546 Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
More results

Similar Description - APL354028KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
   High-Side Power Distribution Switch
G5241 GMT-G5241 Datasheet
146Kb / 1P
   High-Side Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3521U-A NUVOTON-NCT3521U-A Datasheet
558Kb / 14P
   High-side Power Distribution Switch
logo
Global Mixed-mode Techn...
G5244 GMT-G5244 Datasheet
38Kb / 1P
   High-Side Power Distribution Switch
G5240 GMT-G5240 Datasheet
158Kb / 1P
   High-Side Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3521U NUVOTON-NCT3521U Datasheet
508Kb / 13P
   High-side Power Distribution Switch
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
   Dual Power Distribution Controller
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
   Dual Power Distribution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com