Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL354026KI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL354026KI-TRG
Description  High-Side Power Distribution Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL354026KI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL354026KI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL354026KI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
8
Operating Waveforms (Cont.)
The test condition is V
IN=19V, TA=25
oC unless otherwise specified.
Pin Description
PIN
NO.
NAME
FUNCTION
1
VIN
Input Supply Pin. Provides power to the IC, VIN can range from 10V to 21V and should be bypassed with at
least a 0.1
µF capacitor.
2
OCSET
Over-Current Trip Point Adjustment Pin. Connect a resistor (ROCSET) from this pin to the drain of the external
MOSFET to set the OCP trip point.
3
DRV
Gate Driver Output. The gate driver for the external N-channel MOSFET.
4
VOUT
Output Voltage Sense Pin. Connect this pin to the source of external N-channel MOSFET to monitor the
output voltage.
5
EN
Enable Input. Pulling the VEN above 2V will enable the IC; pulling VEN below 0.6V will disable the IC. This pin is
pulled high by an internal current source.
6
GND
Ground.
7
POK
Power-Okay Indicator Output. The POK is an open-drain pull-down device. When VOUT voltage is below the
POK threshold, the POK output is pulled low; when VOUT voltage is above the POK threshold, the POK
output is high impedance.
8
VINSEL
Input Voltage Sense Pin. Connect a resistive divider from VIN to VINSEL to GND to monitor the input voltage.
This pin cannot be left floating.
V
IN
V
DRV
V
OUT
V
POK
1
2,3
V
DRV and VOUT
V
IN
CH1: V
IN, 5V/Div, DC
TIME: 20ms/Div
V
IN =12V, R1=24kΩ, R2 =2kΩ
CH2: V
DRV, 5V/Div, DC
CH3: V
OUT, 5V/Div, DC
Wrong VIN Input Voltage Protection,
V
VINSEL < VVINSEL(L)


Similar Part No. - APL354026KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542AQBI-TRG ANPEC-APL3542AQBI-TRG Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542QBI-TRG ANPEC-APL3542QBI-TRG Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
APL3546 ANPEC-APL3546 Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
More results

Similar Description - APL354026KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
   High-Side Power Distribution Switch
G5241 GMT-G5241 Datasheet
146Kb / 1P
   High-Side Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3521U-A NUVOTON-NCT3521U-A Datasheet
558Kb / 14P
   High-side Power Distribution Switch
logo
Global Mixed-mode Techn...
G5244 GMT-G5244 Datasheet
38Kb / 1P
   High-Side Power Distribution Switch
G5240 GMT-G5240 Datasheet
158Kb / 1P
   High-Side Power Distribution Switch
logo
Nuvoton Technology Corp...
NCT3521U NUVOTON-NCT3521U Datasheet
508Kb / 13P
   High-side Power Distribution Switch
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
   Dual Power Distribution Controller
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
   Dual Power Distribution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com