Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3517BAAI-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3517BAAI-TRG
Description  Compact, Small Package 100mA Power-Distribution Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3517BAAI-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3517BAAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3517BAAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2012
APL3517/A/B
www.anpec.com.tw
6
Typical Operating Characteristics
Junction Temperature, TJ (
oC)
Output OVP Threshold vs .
Junction Temperature
VIN = 5V
-50 -25
0
25
50
75
100 125
5.30
5.35
5.40
5.45
5.50
5.55
5.60
Reverse Current Blocking Threshold
vs. Junction Temperature
Junction Temperature, TJ (
oC)
-50 -25
0
25
50
75
100 125
VIN = 3V
VOUT = 5 V
80
100
120
140
160
180
200
220
240
260
280
300
Input Voltage, VIN (V)
EN pin Threshold Voltage vs .
Input Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VEN Increasing
VEN Decreasing
Output Voltage, VOUT (V)
Reverse Current Blocking Threshold
vs. Output Voltage
0
50
100
150
200
250
300
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2
V
IN = 4V
Output Peak Current (A)
Current-Limit Response vs.
Output Peak Current
0
5
10
15
20
25
0
2
4
6
8
10
V IN=5V, TJ=25
o C
CIN=330µF, COUT=0µF


Similar Part No. - APL3517BAAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3517BAAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3534 ANPEC-APL3534 Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com