Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3526BBQBI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3526BBQBI-TRG
Description  Ultra-Low On-Resistance, 6A Load Switch with Soft Start
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3526BBQBI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3526BBQBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL3526BBQBI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
9
APL3526/B
Application Information
Recommended Minimum Footprint
Layout Consideration
The PCB layout should be carefully performed to maxi-
mize thermal dissipation and to minimize voltage drop,
droop and EMI. The following guidelines must be
considered:
1. Please place the input capacitors near the VIN pin as
close as possible.
2. Output decoupling capacitors for load must be placed
near the load as close as possible for decoupling high
frequency ripples.
3. Locate APL3526/B and output capacitors near the load
to reduce parasitic resistance and inductance for excel-
lent load transient performance.
4. The negative pins of the input and output capacitors
and the GND pin must be connected to the ground plane
of the load.
5. Keep VIN and VOUT traces as wide and short as
possible.
TDFN2x2-8
0.3
0.5
0.3
0.8
0.54
The via diameter = 0.305
Hole size = 0.203
Unit: mm
Ground plane for Thermal PAD


Similar Part No. - APL3526BBQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
APL3520AAKI-TRG ANPEC-APL3520AAKI-TRG Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
APL3520AAQAI-TRG ANPEC-APL3520AAQAI-TRG Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
APL3520AAQBI-TRG ANPEC-APL3520AAQBI-TRG Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
APL3520AAXAI-TRG ANPEC-APL3520AAXAI-TRG Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
More results

Similar Description - APL3526BBQBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com