Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3511DKI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3511DKI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3511DKI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3511DKI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL3511DKI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2012
APL3510/1
www.anpec.com.tw
9
Operating Waveforms
The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Turn On Response
Turn Off Response
UVLO at Rising
UVLO at Falling
1
2
V
ENB
V
OUT
1
2
V
ENB
V
OUT
1
2
V
IN
V
OUT
1
2
V
IN
V
OUT
CH1: V
ENB, 5V/Div, DC
TIME: 200
µs/Div
V
IN =5V, RLOAD =30Ω, CIN =33µF/Electrolytic,
C
OUT =1µF/Electrolytic
CH2: V
OUT, 2V/Div, DC
TIME: 100
µs/Div
V
IN =5V, RLOAD =30Ω, CIN =33µF/Electrolytic,
C
OUT =1µF/Electrolytic
CH2: V
OUT, 2V/Div, DC
CH1: V
ENB, 5V/Div, DC
TIME:2ms/Div
V
IN =5V, RLOAD =30Ω, CIN =33µF/Electrolytic,
C
OUT =1µF/Electrolytic
CH1: V
IN, 1V/Div, DC
CH2: V
OUT, 1V/Div, DC
TIME:5ms/Div
CH2: V
OUT, 1V/Div, DC
V
IN =5V, RLOAD =30Ω, CIN =33µF/Electrolytic,
C
OUT =1µF/Electrolytic
CH1: V
IN, 1V/Div, DC


Similar Part No. - APL3511DKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512ABI-TRG ANPEC-APL3512ABI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AKI-TRG ANPEC-APL3512AKI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512AQBI-TRG ANPEC-APL3512AQBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3512BBI-TRG ANPEC-APL3512BBI-TRG Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
More results

Similar Description - APL3511DKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com