Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206CS-561XFLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1206CS-561XFLC
Description  Chip Inductors - 1206CS Series (3216)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1206CS-561XFLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1206CS-561XFLC Datasheet HTML 1Page - Coilcraft lnc. 1206CS-561XFLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors–1206CS Series (3216)
Document 104-1
Document 104-1 Revised 01/11/12
Inductance2
Percent
SRF min5
DCR max6
Irms7
Part number1
(nH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
1206CS-030X_L_
3.3 @ 100 MHz
5
30 @ 300 MHz
6200
0.050
1000
1206CS-060X_L_
6.8 @ 100 MHz
5
30 @ 300 MHz
5500
0.070
1000
1206CS-100X_L_
10 @ 100 MHz
5
40 @ 300 MHz
4000
0.080
1000
1206CS-120X_L_
12 @ 100 MHz
5,2
40 @ 300 MHz
3200
0.080
1000
1206CS-150X_L_
15 @ 100 MHz
5,2
40 @ 300 MHz
3200
0.100
1000
1206CS-180X_L_
18 @ 100 MHz
5,2
50 @ 300 MHz
2800
0.100
1000
1206CS-220X_L_
22 @ 100 MHz
5,2
50 @ 300 MHz
2200
0.100
1000
1206CS-270X_L_
27 @ 100 MHz
5,2
50 @ 300 MHz
1800
0.110
1000
1206CS-330X_L_
33 @ 100 MHz
5,2
55 @ 300 MHz
1800
0.110
1000
1206CS-390X_L_
39 @ 100 MHz
5,2
55 @ 300 MHz
1800
0.120
1000
1206CS-470X_L_
47 @ 100 MHz
5,2
55 @ 300 MHz
1500
0.130
1000
1206CS-560X_L_
56 @ 100 MHz
5,2,1
55 @ 300 MHz
1450
0.140
1000
1206CS-680X_L_
68 @ 100 MHz
5,2,1
55 @ 300 MHz
1200
0.260
900
1206CS-820X_L_
82 @ 100 MHz
5,2,1
55 @ 300 MHz
1200
0.210
900
1206CS-101X_L_
100 @ 100 MHz
5,2,1
55 @ 300 MHz
1100
0.260
850
1206CS-121X_L_
120 @ 100 MHz
5,2,1
60 @ 300 MHz
1100
0.260
800
1206CS-151X_L_
150 @ 100 MHz
5,2,1
60 @ 300 MHz
950
0.310
750
1206CS-181X_L_
180 @ 50 MHz
5,2,1
60 @ 300 MHz
900
0.430
700
1206CS-221X_L_
220 @ 50 MHz
5,2,1
60 @ 300 MHz
760
0.500
670
1206CS-271X_L_
270 @ 50 MHz
5,2,1
55 @ 300 MHz
730
0.560
630
1206CS-331X_L_
330 @ 50 MHz
5,2,1
45 @ 150 MHz
650
0.620
590
1206CS-391X_L_
390 @ 50 MHz
5,2,1
45 @ 150 MHz
600
0.750
530
1206CS-471X_L_
470 @ 50 MHz
5,2,1
45 @ 150 MHz
550
1.30
490
1206CS-561X_L_
560 @ 35 MHz
5,2,1
45 @ 150 MHz
470
1.34
460
1206CS-621X_L_
620 @ 35 MHz
5,2,1
45 @ 150 MHz
470
1.58
460
1206CS-681X_L_
680 @ 35 MHz
5,2,1
45 @ 150 MHz
450
1.58
430
1206CS-751X_L_
750 @ 35 MHz
5,2,1
45 @ 150 MHz
440
2.25
320
1206CS-821X_L_
820 @ 35 MHz
5,2,1
45 @ 150 MHz
420
1.82
400
1206CS-911X_L_
910 @ 35 MHz
5,2,1
45 @ 150 MHz
410
2.95
310
1206CS-102X_L_
1000 @ 35 MHz
5,2,1
45 @ 150 MHz
400
2.80
320
1206CS-122X_L_
1200 @ 35 MHz
5,2,1
45 @ 150 MHz
380
3.20
300
1. When ordering, specify
tolerance, termination and packaging codes:
1206CS-122XJLC
Tolerance:
F = 1% G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts
per full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP
4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
5. SRF measured using an Agilent/HP 8720D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology Micro-ohmmeter and a
Coilcraft CCF840 fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Refer to Doc 174 “Color Coding” for the explanation of color dots.
• High SRF and excellent Q values
• Tight tolerances, many values at 1%
• 31 inductance values from 3.3 to 1200 nH
Request free evaluation samples by contacting Coilcraft
or visiting
www.coilcraft.com.


Similar Part No. - 1206CS-561XFLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1206CS-561XJLD COILCRAFT-1206CS-561XJLD Datasheet
158Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1206CS-561XL COILCRAFT-1206CS-561XL Datasheet
107Kb / 2P
   Chip Inductors ??1206CS Series
1206CS-561X_L COILCRAFT-1206CS-561X_L Datasheet
220Kb / 2P
   Chip Inductors
More results

Similar Description - 1206CS-561XFLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1206CS-391XJLB COILCRAFT-1206CS-391XJLB Datasheet
148Kb / 2P
   Chip Inductors ??1206CS Series (3216)
1206CS-102XGBC COILCRAFT-1206CS-102XGBC Datasheet
158Kb / 2P
   Chip Inductors - 1206CS Series (3216)
1206CS-102XJBC COILCRAFT-1206CS-102XJBC Datasheet
107Kb / 2P
   Chip Inductors ??1206CS Series
logo
List of Unclassifed Man...
APTD3216 ETC-APTD3216 Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
Hitachi Metals, Ltd
FSLC-220SN HITACHI-METALS-FSLC-220SN Datasheet
63Kb / 3P
   3216 Size 2GHz Band Chip Multilayer Coupler
logo
Kingbright Corporation
APT3216 KINGBRIGHT-APT3216 Datasheet
205Kb / 1P
   SUPER THIN SMD CHIP LED 3216(1206)
logo
Hitachi Metals, Ltd
FSLF-080HL HITACHI-METALS-FSLF-080HL Datasheet
55Kb / 4P
   3216 Size Chip Multilayer Diplexer for CELL/PCS
logo
Coilcraft lnc.
1008CS-472XJLC COILCRAFT-1008CS-472XJLC Datasheet
213Kb / 2P
   Chip Inductors 1008CS Series
1812LS-105XJLC COILCRAFT-1812LS-105XJLC Datasheet
177Kb / 2P
   Chip Inductors 1812LS Series
1008CS-151XGLB COILCRAFT-1008CS-151XGLB Datasheet
104Kb / 2P
   Chip Inductors - 1008CS Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com