Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402HP-7N5XGLQ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402HP-7N5XGLQ
Description  Chip Inductors - 0402HP Series (1005)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HP-7N5XGLQ Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402HP-7N5XGLQ Datasheet HTML 1Page - Coilcraft lnc. 0402HP-7N5XGLQ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0402HP Series (1005)
Document 526-2
Document 526-2 Revised 08/08/13
Inductance2 Percent
Test freq
900 MHz
1.7 GHz
SRF typ5 DCR max6 Irms7
Part number1
(nH)
tolerance3
(MHz)
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402HP-1N0XJL_
1.0
5
250
0.97
46
0.99
72
16.0
0.030
2300
0402HP-2N0XJL_
2.0
5
250
1.96
58
1.98
85
15.2
0.038
2100
0402HP-2N2XJL_
2.2
5
250
2.17
60
2.17
86
15.1
0.038
2100
0402HP-2N4X_L_
2.4
5,3,2
250
2.37
60
2.38
83
14.0
0.042
2000
0402HP-2N7X_L_
2.7
5,3,2
250
2.66
62
2.68
85
13.0
0.085
1500
0402HP-3N3X_L_
3.3
5,3,2
250
3.26
66
3.28
95
12.8
0.045
1700
0402HP-3N6X_L_
3.6
5,3,2
250
3.56
65
3.58
94
11.7
0.045
1700
0402HP-3N9X_L_
3.9
5,3,2
250
3.87
64
3.91
98
9.50
0.045
1700
0402HP-4N3X_L_
4.3
5,3,2
250
4.26
63
4.33
90
7.15
0.050
1600
0402HP-4N7X_L_
4.7
5,3,2
250
4.67
58
4.74
83
6.85
0.075
1500
0402HP-5N1X_L_
5.1
5,3,2
250
5.07
54
5.16
76
6.80
0.125
1200
0402HP-5N6X_L_
5.6
5,3,2
250
5.56
73
5.66
105
6.50
0.055
1600
0402HP-6N2X_L_
6.2
5,3,2
250
6.18
73
6.25
100
5.80
0.055
1600
0402HP-6N8X_L_
6.8
5,3,2
250
6.78
68
6.97
94
5.80
0.070
1500
0402HP-7N5X_L_
7.5
5,3,2
250
7.49
60
7.77
82
5.40
0.100
1400
0402HP-8N2X_L_
8.2
5,3,2
250
8.10
68
8.40
95
5.40
0.065
1500
0402HP-8N7X_L_
8.7
5,3,2
250
8.73
66
9.04
95
5.00
0.070
1500
0402HP-9N0X_L_
9.0
5,3,2
250
8.99
67
9.21
92
5.00
0.080
1400
0402HP-9N5X_L_
9.5
5,3,2
250
9.52
64
9.97
90
4.70
0.090
1400
0402HP-10NX_L_
10
5,3,2
250
9.98
62
10.4
90
4.70
0.110
1300
0402HP-11NX_L_
11
5,3,2
250
11.0
68
11.6
98
4.70
0.065
1400
0402HP-12NX_L_
12
5,3,2
250
12.0
66
12.6
100
4.40
0.100
1200
0402HP-13NX_L_
13
5,3,2
250
13.1
62
13.9
82
4.20
0.155
870
0402HP-15NX_L_
15
5,3,2
250
15.1
62
16.0
85
3.90
0.115
1100
0402HP-16NX_L_
16
5,3,2
250
16.2
57
17.3
77
3.70
0.150
850
0402HP-18NX_L_
18
5,3,2
250
18.2
58
19.5
74
3.55
0.120
900
0402HP-19NX_L_
19
5,3,2
250
19.2
61
20.7
88
3.50
0.145
850
0402HP-20NX_L_
20
5,3,2
250
20.3
58
22.0
76
3.50
0.185
780
0402HP-21NX_L_
21
5,3,2
250
21.3
48
23.2
62
1.70
0.460
450
0402HP-22NX_L_
22
5,3,2
250
22.3
60
24.4
74
3.30
0.160
800
0402HP-23NX_L_
23
5,3,2
250
23.3
60
25.5
77
3.30
0.160
800
0402HP-24NX_L_
24
5,3,2
250
24.5
55
27.1
71
3.15
0.210
700
0402HP-25NX_L_
25
5,3,2
250
25.5
57
28.3
73
3.15
0.260
700
0402HP-26NX_L_
26
5,3,2
250
26.6
56
29.3
74
3.15
0.290
700
0402HP-27NX_L_
27
5,3,2
250
27.3
62
29.5
86
3.20
0.350
450
0402HP-30NX_L_
30
5,3,2
250
30.8
61
35.0
87
2.90
0.350
450
0402HP-33NX_L_
33
5,3,2
250
34.0
61
38.3
80
2.80
0.330
490
0402HP-36NX_L_
36
5,3,2
250
37.1
59
42.2
76
2.80
0.390
480
0402HP-37NX_L_
37
5,3,2
250
38.2
57
44.0
72
2.70
0.480
470
0402HP-39NX_L_
39
5,3,2
250
40.5
56
47.0
84
2.60
0.430
450
0402HP-40NX_L_
40
5,3,2
250
41.3
56
47.4
75
2.60
0.430
450
0402HP-43NX_L_
43
5,3,2
250
45.0
52
54.1
68
2.50
0.520
450
0402HP-47NX_L_
47
5,3,2
250
49.0
48
58.9
62
2.40
0.580
420
0402HP-51NX_L_
51
5,3,2
250
49.1
52
58.8
59
2.30
0.700
360
0402HPH-56NX_L_
56
5,3,2
250
58.8
56
72.2
64
2.07
0.900
330
0402HPH-68NX_L_
68
5,3,2
250
72.2
56
91.4
64
1.84
1.00
320
0402HPH-82NX_L_
82
5,3,2
250
89.7
52
1.75
1.10
315
0402HPH-R10X_L_
100
5,3,2
250
1.58
1.20
310
0402HPH-R12X_L_
120
5,3,2
250
1.25
1.20
310
0402HPH-R15X_L_
150
5,3,2
100
1.14
2.0
240
0402HPH-R18X_L_
180
5,3,2
100
1.08
2.1
240
0402HPH-R22X_L_
220
5,3,2
100
0.96
3.1
160
1. When ordering, specify
tolerance, termination and packaging codes:
0402HP-82NXJLW
Tolerance:
G = 2% H = 3% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
Q = 7
″ machine-ready reel. EIA-481 punched paper
tape (5000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at test frequency using a Coilcraft SMD-F fixture
in an Agilent/HP 4286 impedance analyzer with Coilcraft-provided cor-
relation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4287A with an Agilent/HP 16197 test
fixture.
5. SRF measured using an Agilent/HP 8722ES network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test
fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kits C403A and B contain 20 each of 5% values
Designer’s Kits C403A-2 and B-2 contain 20 each of 2% values


Similar Part No. - 0402HP-7N5XGLQ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-7N5XGLQ COILCRAFT-0402HP-7N5XGLQ Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results

Similar Description - 0402HP-7N5XGLQ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com