Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3517AAI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3517AAI-TRG
Description  Compact, Small Package 100mA Power-Distribution Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3517AAI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3517AAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3517AAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2012
APL3517/A/B
www.anpec.com.tw
3
Electrical Characteristics
APL3517/A/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
UNDER-VOLTAGE LOCKOUT
VIN UVLO Threshold Voltage
VIN rising
2.35
2.5
2.65
V
VIN UVLO Hysteresis
-
0.1
-
V
SUPPLY CURRENT
No load,
VEN = Low (or VENB = High)
-
-
1
µA
ICC
VIN Supply Current
No load,
VEN =High (or VENB = High)
-
100
150
µA
OUT Leakage Current
VOUT tied to ground,
VEN =Low (or VENB = High)
-
-
1
µA
OUT Input Current
VOUT=5V, VIN = 0V, no matter VEN =
Low or High
-
-
1
µA
POWER SWITCH
IOUT=0.1A, TJ=25
oC
-
250
350
m
RDS(ON)
Power Switch On Resistance
IOUT=0.1A, TJ=-40~125
oC
-
-
400
m
CURRENT-LIMIT PROTECTIONS
TJ=25
oC,
0.25
0.37
0.5
A
ILIM
Current-Limit Threshold
TJ=-40~125
oC
0.20
-
-
A
OUTPUT OVER-VOLTAGE PROTECTS
IRV
Reverse Current Blocking Threshold
VOUT - VIN=1V, TJ=25
oC
80
190
300
mA
tRVDEG
Reverse Current Blocking Deglitch Time
Guaranteed by Design
-
0.7
-
ms
VOVP
Output OVP Threshold
5.3
5.45
5.6
V
TOVD
Output OVP Delay Time
-
20
-
µs
SOFT-START CONTROL PIN
tSS
Soft-Start Time
1
2.5
4
ms
OUTPUT DISCHARGE AND ENABLE
VOUT Discharge Resistance
VIN=5V, VEN=Low(or VENB=High),
VOUT=1V
-
40
-
Input Logic High
2
-
-
V
VEN, VENB
Input Logic Low
-
-
0.8
V
EN, ENB Input Current
-
-
1
µA
V
IN=5V, VEN=5V or VENB=0V and TA=25
o
C (unless otherwise noted).
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.7~ 5.25
V
IOUT
OUT Output Current
0 ~ 0.1
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Note 3: Refer to the typical application circuit.


Similar Part No. - APL3517AAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3517AAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3534 ANPEC-APL3534 Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com