Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3517B Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3517B
Description  Compact, Small Package 100mA Power-Distribution Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3517B Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3517B Datasheet HTML 7Page - Anpec Electronics Coropration APL3517B Datasheet HTML 8Page - Anpec Electronics Coropration APL3517B Datasheet HTML 9Page - Anpec Electronics Coropration APL3517B Datasheet HTML 10Page - Anpec Electronics Coropration APL3517B Datasheet HTML 11Page - Anpec Electronics Coropration APL3517B Datasheet HTML 12Page - Anpec Electronics Coropration APL3517B Datasheet HTML 13Page - Anpec Electronics Coropration APL3517B Datasheet HTML 14Page - Anpec Electronics Coropration APL3517B Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2012
APL3517/A/B
www.anpec.com.tw
11
Function Description
VIN Under-voltage Lockout (UVLO)
The APL3517/A/B power switch has a built-in under-volt-
age lockout circuit to keep the output shut off until internal
circuitry is operating properly. The UVLO circuit has hys-
teresis and a de-glitch feature so that it will typically ig-
nore undershoot transients on the input. When input volt-
age exceeds the UVLO threshold, the output voltage starts
a soft-start to reduce the inrush current.
Power Switch
The power switch is an N-channel MOSFET with a low
R
DS(ON). The internal power MOSFET does not have the
body diode. When IC is in UVLO state, the MOSFET pre-
vents a current flowing from the VOUT back to VIN and
VIN to VOUT.
Current-Limit Protection
The APL3517/A/B power switch provides the current-limit
protection function. During current-limit, the devices limit
output current at current-limit threshold. For reliable
operation, the device should not be operated in current-
limit for extended period time.
Output Discharge
When the input voltage is under VIN UVLO Threshold or
V
EN=Low or VENB=High, the output discharge device is
turned on to discharge the output voltage.
Soft-Start
The APLA3517/A/B has a built-in output soft-start control
to limit the current surge during start-up. The soft-start
interval is 2.5ms.
Output Over-Voltage Protection
The output over-voltage protection is implemented by 2
either sensing mechanisms. One is by sensing when
V
OUT voltage is above VOVP threshold, the internal power
MOSFET is turned off. The other is by sensing when re-
verse current, flowing from VOUT to VIN, surpasses I
RV.
When the reverse current reachers the reverse current
Blocking threshold, the device limits the reveres current
at I
RV threshold level. When the reverse current fault ex-
ists for more than 0.7ms, the internal power MOSFET is
turned off. The internal power MOSFET is allowed to turn-
on once the output voltage gose below V
IN-1V.
Enable/Disable (SOT-23-5)
Pulling the ENB above 2V or EN below 0.8V will disable
the device, and pulling ENB pin below 0.8V or EN above
2V will enable the device.
When the IC is disabled the supply current is reduced to
less than 1
µA. The enable input is compatible with both
TTL and CMOS logic levels. The EN/ENB pins cannot be
left floating.
Over-temperature Protection
When the junction temperature exceeds 140
o
C, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 20
o
C, the internal thermal sense
circuit will enable the device, resulting in a pulsed output
during continuous thermal protection. Thermal protec-
tion is designed to protect the IC in the event of over-
temperature conditions. For normal operation, the junc-
tion temperature cannot exceed T
J=+125
oC.


Similar Part No. - APL3517B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3517B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3534 ANPEC-APL3534 Datasheet
201Kb / 14P
   Compact, Small Package 1A Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com