Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805LCS-103XJLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0805LCS-103XJLB
Description  Chip Inductors - 0805LS (2012)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805LCS-103XJLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  0805LCS-103XJLB Datasheet HTML 1Page - Coilcraft lnc. 0805LCS-103XJLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors – 0805LS (2012)
Document 288-1
These ferrite core surface mount inductors have lower
DCR and higher current ratings than our 0805CS Series.
They come in inductance values from 0.078 to 27 µH.
Inductance2
Percent
SRF min4
DCR max5
Irms6
Color
Part number1
(µH)
tolerance
Q min3
(MHz)
(Ohms)
(A)
code
0805LS-78NX_L_
0.078 @ 7.9 MHz
5,2
19 @ 7.9 MHz
1440
0.042
2.0
Black
0805LS-111X_L_
0.110 @ 7.9 MHz
5,2
19 @ 7.9 MHz
1200
0.05
2.0
Brown
0805LS-471X_L_
0.470 @ 7.9 MHz
5,2
19 @ 7.9 MHz
500
0.31
0.720
Red
0805LS-681X_L_
0.680 @ 7.9 MHz
5,2
20 @ 7.9 MHz
400
0.46
0.590
Orange
0805LS-102X_L_
1.0 @ 7.9 MHz
5,2
20 @ 7.9 MHz
340
0.69
0.500
Yellow
0805LS-122X_L_
1.2 @ 7.9 MHz
5,2
15 @ 7.9 MHz
280
1.20
0.400
Brown
0805LS-152X_L_
1.5 @ 7.9 MHz
5,2
20 @ 7.9 MHz
275
1.03
0.490
Green
0805LS-182X_L_
1.8 @ 7.9 MHz
5,2
20 @ 7.9 MHz
246
1.15
0.410
Blue
0805LS-222X_L_
2.2 @ 7.9 MHz
5,2
20 @ 7.9 MHz
106
1.28
0.365
Brown
0805LS-272X_L_
2.7 @ 7.9 MHz
5,2
20 @ 7.9 MHz
105
1.48
0.350
Violet
0805LS-332X_L_
3.3 @ 7.9 MHz
5,2
20 @ 7.9 MHz
83
1.57
0.330
Gray
0805LS-392X_L_
3.9 @ 7.9 MHz
5,2
20 @ 7.9 MHz
52
1.70
0.300
White
0805LS-472X_L_
4.7 @ 7.9 MHz
5,2
20 @ 7.9 MHz
50
1.87
0.280
Black
0805LS-682X_L_
6.8 @ 7.9 MHz
5,2
20 @ 7.9 MHz
35
2.25
0.260
Brown
0805LS-822X_L_
8.2 @ 2.5 MHz
5,2
18 @ 2.5 MHz
27
2.55
0.250
Red
0805LS-103X_L_
10.0 @ 2.5 MHz
5,2
18 @ 2.5 MHz
21
3.45
0.200
Orange
0805LS-153X_L_
15.0 @ 2.5 MHz
5,2
18 @ 2.5 MHz
17
5.03
0.180
Yellow
0805LS-223X_L_
22.0 @ 2.5 MHz
5,2
18 @ 2.5 MHz
13
6.18
0.150
Green
0805LS-273X_L_
27.0 @ 2.5 MHz
5,2
15 @ 2.5 MHz
11
11.04
0.120
Blue
1. When ordering, specify
tolerance, termination and packaging codes:
0805LS-273XJLC
Tolerance:
G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging:
C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation
pieces.
3. Q measured on an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer with a
Coilcraft SMD-D test fixture.
5. DCR measured on a Cambridge Technology Micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coilcraft
Designer’s Kit C354 contains samples of all
5% inductance tolerance parts.To order, contact Coilcraft
or visit
http://order.coilcraft.com to purchase on-line.
Core material Ceramic/Ferrite
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 12.7– 13.9 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –40°C to +100°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +250 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.6 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
Document 288-1 Revised 01/18/12


Similar Part No. - 0805LCS-103XJLB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L LITTELFUSE-0805L Datasheet
338Kb / 4P
   POLYFUSE Resettable PTCs Surface Mount
0805L LITTELFUSE-0805L Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
0805L010 LITTELFUSE-0805L010 Datasheet
338Kb / 4P
   POLYFUSE Resettable PTCs Surface Mount
0805L010 LITTELFUSE-0805L010 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
0805L010WR LITTELFUSE-0805L010WR Datasheet
338Kb / 4P
   POLYFUSE Resettable PTCs Surface Mount
More results

Similar Description - 0805LCS-103XJLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805LS-102XJLC COILCRAFT-0805LS-102XJLC Datasheet
141Kb / 2P
   Chip Inductors - 0805LS (2012)
0805LS-103XJLC COILCRAFT-0805LS-103XJLC Datasheet
95Kb / 2P
   Chip Inductors ??0805LS
0805LS-273XJLC COILCRAFT-0805LS-273XJLC Datasheet
275Kb / 2P
   Chip Inductors 0805LS
0805CS-101XJBC COILCRAFT-0805CS-101XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-471XJBC COILCRAFT-0805CS-471XJBC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-240XGLB COILCRAFT-0805CS-240XGLB Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0603CS-47NXJLW COILCRAFT-0603CS-47NXJLW Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-391XGLC COILCRAFT-0805CS-391XGLC Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805HT-22NTJLC COILCRAFT-0805HT-22NTJLC Datasheet
148Kb / 2P
   Chip Inductors - 0805HT (2012)
0805CS-820XJLB COILCRAFT-0805CS-820XJLB Datasheet
255Kb / 2P
   Chip Inductors ??0805CS (2012)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com