Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4312RV-245XGLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 4312RV-245XGLD
Description  RFID Transponder Coils - 4312RV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

4312RV-245XGLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  4312RV-245XGLD Datasheet HTML 1Page - Coilcraft lnc. 4312RV-245XGLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 461-2
Document 461-2 Revised 10/30/08
RFID Transponder Coils – 4312RV
Dimensions
Typical L vs Frequency
0.030
0,76
0.347
8,81
0.45
11,43
0.32
8,1
0.065
1,65
0.15
3,8
Recommended
Land Pattern
0.448
11,38
0.136
3,45
0.092
2,34
max
max
max
Note: Unless otherwise indicated, all part dimensions ±0.002/0,05
XXX
0
1
2
3
4
5
6
7
8
9
10
0.01
0.1
10
1
Frequency (MHz)
4.9 mH
7.2 mH
9.0 mH
1.0 mH
0.40 mH
2.38 mH
Dimensions are in
inches
mm


Similar Part No. - 4312RV-245XGLD

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4312 VCC-4312 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
ebm-papst
4312 EBMPAPST-4312 Datasheet
375Kb / 3P
   DC axial fans
4312 EBMPAPST-4312 Datasheet
704Kb / 3P
   DC axial fans
4312 EBMPAPST-4312 Datasheet
379Kb / 3P
   DC axial fans
4312 EBMPAPST-4312 Datasheet
345Kb / 3P
   DC axial fans
More results

Similar Description - 4312RV-245XGLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
   RFID Transponder Coils - 5315TC
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
   Chip RFID Transponder Coils
logo
Coilcraft lnc.
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
   Z-Axis RFID Transponder Coils
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
   Surface Mount RFID Transponder Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com