Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1086285FC-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL1086285FC-TRG
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086285FC-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL1086285FC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL1086285FC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
9
Package Information
TO-252-3
S
Y
M
B
O
L
MIN.
MAX.
2.39
4.95
5.46
0.46
0.61
0.13
5.33
A
A1
b3
c
c2
D
D1
E
MILLIMETERS
b
0.50
0.89
2.29 BSC
TO-252-3
4.57
6.35
6.73
6.22
0.090 BSC
MIN.
MAX.
INCHES
0.094
0.020
0.035
0.195
0.215
0.018
0.024
0.210
0.180
0.250
0.265
2.18
0.245
0.086
0.005
E1
0.035
0.070
0.410
L3
H
L
e
9.40
0.90
0.46
0.89
1.78
10.41
0.370
0.035
0.018
0.040
L4
1.02
0.150
3.81
0.89
2.03
0.035
0.080
0
GAUGE PLANE
L
VIEW A
SEATING PLANE
E
e
b3
A
SEE VIEW A
c2
b
c
E1
6.00
Note : Follow JEDEC TO-252 .
6.00
0.236
0.236


Similar Part No. - APL1086285FC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18FC-TR ANPEC-APL1086-18FC-TR Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18FC-TU ANPEC-APL1086-18FC-TU Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18GC-TR ANPEC-APL1086-18GC-TR Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18GC-TU ANPEC-APL1086-18GC-TU Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL1086285FC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com