Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL377 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL377
Description  Small, Low Power, 3-Axis 200 g Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL377 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL377 Datasheet HTML 4Page - Analog Devices ADXL377 Datasheet HTML 5Page - Analog Devices ADXL377 Datasheet HTML 6Page - Analog Devices ADXL377 Datasheet HTML 7Page - Analog Devices ADXL377 Datasheet HTML 8Page - Analog Devices ADXL377 Datasheet HTML 9Page - Analog Devices ADXL377 Datasheet HTML 10Page - Analog Devices ADXL377 Datasheet HTML 11Page - Analog Devices ADXL377 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXL377
Data Sheet
Rev. 0 | Page 10 of 12
AXES OF ACCELERATION SENSITIVITY
Figure 14 shows the axes of sensitivity for the accelerometer. Figure 15 shows the output response when the accelerometer is oriented
parallel to each of these axes.
AZ
AY
AX
Figure 14. Axes of Acceleration Sensitivity (Corresponding Output Voltage Increases When Accelerated Along the Sensitive Axis)
XOUT = –1g
YOUT = 0g
ZOUT = 0g
GRAVITY
XOUT = 0g
YOUT = 1g
ZOUT = 0g
XOUT = 0g
YOUT = –1g
ZOUT = 0g
XOUT = 1g
YOUT = 0g
ZOUT = 0g
XOUT = 0g
YOUT = 0g
ZOUT = 1g
XOUT = 0g
YOUT = 0g
ZOUT = –1g
TOP
TOP
TOP
TOP
Figure 15. Output Response vs. Orientation to Gravity


Similar Part No. - ADXL377

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377 AD-ADXL377 Datasheet
407Kb / 13P
   3-Axis 짹200 g Analog MEMS
Rev. PrB
ADXL377BCPZ-RL AD-ADXL377BCPZ-RL Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
More results

Similar Description - ADXL377

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
   3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com