Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603LS-121XGLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603LS-121XGLC
Description  Chip Inductors - 0603LS (1608)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603LS-121XGLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603LS-121XGLC Datasheet HTML 1Page - Coilcraft lnc. 0603LS-121XGLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ChipInductors– 0603LS(1608)
Document 264-1
Document 264-1 Revised 01/18/12
• Higher inductance values than other 0603 inductors
• Ferrite construction for high current handling
• Inductance values:47 nH – 22 µH;5% and 2% tolerance
100
1000
100
1000
10000
100000
110
10
Frequency (MHz)
8200 nH
3300 nH
1000 nH
330 nH
100 nH
Typical L vs Frequency
Irms Derating
Designer’s Kit C347 contains 10 each of all 5% values
Core material Ceramic/Ferrite
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 4.8 – 6.2 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –40°C to +100°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +50 to +150 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Plastic tape: 8 mm wide, 0.23 mm thick,
4 mm pocket spacing, 1.17 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
35
30
25
20
15
10
5
0
0.1
110
100
Frequency (MHz)
8200 nH
3300 nH
1000 nH
330 nH
100 nH
Typical Q vs Frequency
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - 0603LS-121XGLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603LS-121XGLC COILCRAFT-0603LS-121XGLC Datasheet
201Kb / 2P
   Chip Inductors - 0603LS (1608)
0603LS-121XGLC COILCRAFT-0603LS-121XGLC Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-121XGLC COILCRAFT-0603LS-121XGLC Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-121XGLC COILCRAFT-0603LS-121XGLC Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
More results

Similar Description - 0603LS-121XGLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603LS-472XJLB COILCRAFT-0603LS-472XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-681XJBC COILCRAFT-0603LS-681XJBC Datasheet
97Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-331XJLB COILCRAFT-0603LS-331XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-332XJLB COILCRAFT-0603LS-332XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-102XGLC COILCRAFT-0603LS-102XGLC Datasheet
201Kb / 2P
   Chip Inductors - 0603LS (1608)
0603CT-7N2XGLU COILCRAFT-0603CT-7N2XGLU Datasheet
149Kb / 2P
   Chip Inductors ??0603CT (1608)
0603CS-3N6XJLW COILCRAFT-0603CS-3N6XJLW Datasheet
101Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-82NXJLU COILCRAFT-0603CS-82NXJLU Datasheet
146Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-3N3XGLW COILCRAFT-0603CS-3N3XGLW Datasheet
101Kb / 2P
   Chip Inductors - 0603CS (1608)
0603CS-47NXGLU COILCRAFT-0603CS-47NXGLU Datasheet
146Kb / 2P
   Chip Inductors ??0603CS (1608)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com