Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ33CA Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMBJ33CA
Description  600W Surface Mount Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMBJ33CA Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMBJ33CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ33CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ33CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ33CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ33CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMBJ33CA Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
Email:sales@semitech.cn
Tel:+86-21-64605419
Fax:+86-21-64606443
SMBJ5.0 --- SMBJ440CA
600W Surface Mount
Transient Voltage
Suppressors
Features
 Working peak reverse voltage range – 5.0V to 440V.
 Peak power dissipation 600W @10 x 1000 us Pulse
 Low profile package.
 Excellent clamping capability.
 Glass passivated junction.
 Fast response time: typically less than 1 ns for Uni-direction.
Less than 5 ns for Bi-direction, from 0 Volts to BV min
 Typical IR less than 1uA above 10V.
 Plastic material has UL flammability classification 94V-O
 RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: Void-free, JEDEC DO-214AA Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
(Note 1, 2, FIG.1)
PPPM
Min 600
W
Peak Pulse Current of on 10/1000us Waveform
(Note 1, FIG.3)
IPPM
See Table 1
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on
Rated Load, (JEDEC Method)
(Note 2. 3)
IFSM
100
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2.
Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3.
8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum.
WWW.SEMITECH.CN


Similar Part No. - SMBJ33CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ33CA BYTES-SMBJ33CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SAMYANG ELECTRONICS CO....
SMBJ33CA SAMYANG-SMBJ33CA Datasheet
1Mb / 4P
   SAMYANG ELECTRONICS
logo
Ruilongyuan Electronics...
SMBJ33CA RUILON-SMBJ33CA Datasheet
866Kb / 7P
   Transient Voltage Suppressors
logo
TAITRON Components Inco...
SMBJ33CA TAITRON-SMBJ33CA Datasheet
181Kb / 5P
   600W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMBJ33CA DIODES-SMBJ33CA Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ33CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com