Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7943BRS Datasheet(PDF) 5 Page - Analog Devices

Part # AD7943BRS
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7943BRS Datasheet(HTML) 5 Page - Analog Devices

  AD7943BRS Datasheet HTML 1Page - Analog Devices AD7943BRS Datasheet HTML 2Page - Analog Devices AD7943BRS Datasheet HTML 3Page - Analog Devices AD7943BRS Datasheet HTML 4Page - Analog Devices AD7943BRS Datasheet HTML 5Page - Analog Devices AD7943BRS Datasheet HTML 6Page - Analog Devices AD7943BRS Datasheet HTML 7Page - Analog Devices AD7943BRS Datasheet HTML 8Page - Analog Devices AD7943BRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–5–
(TA = TMIN to TMAX, unless otherwise noted)
Limit @
Limit @
Parameter
VDD = +3 V to +3.6 V
VDD = +4.5 V to +5.5 V
Units
Description
tSTB
2
60
40
ns min
STB Pulsewidth
tDS
15
10
ns min
Data Setup Time
tDH
35
25
ns min
Data Hold Time
tSRI
55
35
ns min
SRI Data Pulsewidth
tLD
55
35
ns min
Load Pulsewidth
tCLR
55
35
ns min
CLR Pulsewidth
tASB
0
0
ns min
Min Time Between Strobing Input Shift
Register and Loading DAC Register
tSV
3
60
35
ns max
STB Clocking Edge to SRO Data Valid Delay
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. tr and tf should not exceed 1
µs on any digital input.
2STB mark/space ratio range is 60/40 to 40/60.
3t
SV is measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.4 V.
Specifications subject to change without notice.
tSTB
STB1,
STB2,
STB4
STB3
tDS
tDH
tSRI
SRI
DB11(N)
(MSB)
DB10(N)
DB0(N)
DB0(N–1)
DB10(N–1)
LD1,
LD2,
CLR
SRO
tSV
tLD, tCLR
tASB
Figure 1. AD7943 Timing Diagram
TO OUTPUT
PIN
CL
50pF
1.6mA
IOL
+2.1V
IOH
200 A
Figure 2. Load Circuit for Digital Output Timing Specifications
AD7943 TIMING SPECIFICATIONS1


Similar Part No. - AD7943BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943BRS AD-AD7943BRS Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRS AD-AD7943BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRS AD-AD7943BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRS AD-AD7943BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
AD7943BRS AD-AD7943BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results

Similar Description - AD7943BRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com