Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7851KR Datasheet(PDF) 1 Page - Analog Devices

Part # AD7851KR
Description  14-Bit 333 kSPS Serial A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851KR Datasheet(HTML) 1 Page - Analog Devices

  AD7851KR Datasheet HTML 1Page - Analog Devices AD7851KR Datasheet HTML 2Page - Analog Devices AD7851KR Datasheet HTML 3Page - Analog Devices AD7851KR Datasheet HTML 4Page - Analog Devices AD7851KR Datasheet HTML 5Page - Analog Devices AD7851KR Datasheet HTML 6Page - Analog Devices AD7851KR Datasheet HTML 7Page - Analog Devices AD7851KR Datasheet HTML 8Page - Analog Devices AD7851KR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
a
AD7851
FUNCTIONAL BLOCK DIAGRAM
AIN (+)
AIN (–)
CREF1
CREF2
CAL
AVDD
AGND
AGND
DVDD
DGND
AMODE
CLKIN
SLEEP
CONVST
BUSY
SYNC
SM1
SM2
DIN
DOUT SCLK POLARITY
CHARGE
REDISTRIBUTION
DAC
COMP
4.096V
REFERENCE
AD7851
BUF
T/H
SAR + ADC
CONTROL
CALIBRATION
MEMORY
AND CONTROLLER
SERIAL INTERFACE/CONTROL REGISTER
REFIN/
REFOUT
14-Bit 333 kSPS
Serial A/D Converter
FEATURES
Single 5 V Supply
333 kSPS Throughput Rate/ 2 LSB DNL—A Grade
285 kSPS Throughput Rate/ 1 LSB DNL—K Grade
A and K Grades Guaranteed to 125 C/238 kSPS
Throughput Rate
Pseudo-Differential Input with Two Input Ranges
System and Self-Calibration with Autocalibration on
Power-Up
Read/Write Capability of Calibration Data
Low Power: 60 mW Typ
Power-Down Mode: 5
W Typ Power Consumption
Flexible Serial Interface: 8051/SPI®/QSPI™/ P Compatible
24-Lead PDIP, SOIC, and SSOP Packages
APPLICATIONS
Digital Signal Processing
Speech Recognition and Synthesis
Spectrum Analysis
DSP Servo Control
Instrumentation and Control Systems
High Speed Modems
Automotive
GENERAL DESCRIPTION
The AD7851 is a high speed, 14-bit ADC that operates from a
single 5 V power supply. The ADC powers up with a set of default
conditions at which time it can be operated as a read-only ADC.
The ADC contains self-calibration and system calibration options
to ensure accurate operation over time and temperature and has a
number of power-down options for low power applications.
The AD7851 is capable of a 333 kHz throughput rate. The
input track-and-hold acquires a signal in 0.33
µs and features
a pseudo-differential sampling scheme. The AD7851 has the
added advantage of two input voltage ranges (0 V to VREF and
–VREF/2 to +VREF/2 centered about VREF/2). Input signal
range is to VDD and the part is capable of converting full
power signals to 20 MHz.
CMOS construction ensures low power dissipation (60 mW typ)
with power-down mode (5
µW typ). The part is available in a
24-lead, 0.3 inch-wide PDIP, a 24-lead SOIC, and a 24-lead
SSOP package.
PRODUCT HIGHLIGHTS
1. Single 5 V supply.
2. Operates with reference voltages from 4 V to VDD.
3. Analog input ranges from 0 V to VDD.
4. System and self-calibration including power-down mode.
5. Versatile serial I/O port.
REV. B
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.


Similar Part No. - AD7851KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7851KR AD-AD7851KR Datasheet
435Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. A
AD7851KR AD-AD7851KR Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
AD7851KR-REEL AD-AD7851KR-REEL Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
AD7851KRZ AD-AD7851KRZ Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
AD7851KRZ-REEL AD-AD7851KRZ-REEL Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
More results

Similar Description - AD7851KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7851 AD-AD7851 Datasheet
435Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. A
AD7851 AD-AD7851_15 Datasheet
366Kb / 36P
   14-Bit 333 kSPS Serial A/D Converter
REV. B
AD7851 AD-AD7851_17 Datasheet
431Kb / 37P
   14-Bit 333 kSPS Serial A/D Converter
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S625 TI1-ADC141S625_14 Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com