Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL78L12KC-TBG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL78L12KC-TBG
Description  Three-Terminal Low Current Positive Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL78L12KC-TBG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL78L12KC-TBG Datasheet HTML 4Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 5Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 6Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 7Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 8Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 9Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 10Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 11Page - Anpec Electronics Coropration APL78L12KC-TBG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
APL78L05/12
www.anpec.com.tw
8
Copyright
© ANPEC Electronics Corp.
Rev. A.11 - Jun., 2011
Application Information
Input
Constant
Current to
Grounded
Load
R
APL78L05
lO
0.33
µF
The APL78L05/12, series of fixed voltage regulators, are
designed with thermal overload protection that shuts down
the circuit when subjected to an excessive power overload
condition. In addition, the APL78L05/12 have the func-
tion of internal short circuit protection to limit the maxi-
mum current the circuit will pass.
In many low current applications, compensation capaci-
tors are not required. However, it is recommended that
the regulator input will be bypassed with a capacitor if the
regulator connects to the power supply filter with long
wire lengths, or if the output load capacitance is large. The
input bypass capacitor should be selected to provide
good high-frequency characteristics to insure stable
operation under all load conditions. If the value of the
capacitor is greater than 0.33
µF, the capacitor with tan-
talum or mylar, or other capacitor having low internal im-
pedance at high frequencies should be chosen. The by-
pass capacitor should be mounted with the shortest pos-
sible leads directly across the regulators input terminals.
Good construction techniques should be used to mini-
mize ground loops and lead resistance drops since the
regulator has no external sense lead. Bypassing the out-
put is also recommended.
Figure 1. Current Regulator
MC1741
0.33
µF
+20V
0.33
µF
20V
MPSU55
6.5
MPSA70
10K
10K
+VO
-VO
3
2
4
6
7
APL78L05
The APL78L05 regulators can also be used as a cur-
rent source when connected as above. In order to mini-
mize dissipation, the APL78L05 is chosen in this
application. Resistor R determines the current as be-
low :
I
O =
+ I
B
5.0V
R
I
B =3.8mA over line and load changes
For example, a 100mA current source would require R to
be a 50
Ω, 1/2W resistor and the output voltage compli-
ance would be the input voltage less 7V.
Figure 2. ±15V Tracking Voltage Regulator
Figure 3. Positive and Negative Regulator
+VI
0.1
µF
APL78LXX
0.33
µF
APL79LXX
0.33
µF
0.1
µF
+VO
-VO
-VI


Similar Part No. - APL78L12KC-TBG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12-DC-PB ANPEC-APL78L12-DC-PB Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12-DC-PBL ANPEC-APL78L12-DC-PBL Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12-DC-TB ANPEC-APL78L12-DC-TB Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
APL78L12-DC-TBL ANPEC-APL78L12-DC-TBL Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
More results

Similar Description - APL78L12KC-TBG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L05BP MCC-MC78L05BP Datasheet
107Kb / 3P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com