Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7823YN Datasheet(PDF) 9 Page - Analog Devices

Part # AD7823YN
Description  2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7823YN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7823YN Datasheet HTML 3Page - Analog Devices AD7823YN Datasheet HTML 4Page - Analog Devices AD7823YN Datasheet HTML 5Page - Analog Devices AD7823YN Datasheet HTML 6Page - Analog Devices AD7823YN Datasheet HTML 7Page - Analog Devices AD7823YN Datasheet HTML 8Page - Analog Devices AD7823YN Datasheet HTML 9Page - Analog Devices AD7823YN Datasheet HTML 10Page - Analog Devices AD7823YN Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD7823
–9–
REV. C
tPOWER-UP
1.5 s
A
B
t1
CONVST
DOUT
SCLK
CURRENT CONVERSION
RESULT
Figure 15. Mode 2 Operation Timing
CONVST
DOUT
SCLK
t3
t4
t7
t6
t8
12
3
4
56
7
8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
t5
Figure 16. Serial Interface Timing
Mode 2 Operation (Automatic Power-Down)
When used in this mode of operation, the part automatically
powers down at the end of a conversion. This is achieved by
leaving the
CONVST signal low until the end of the conversion.
The timing diagram in Figure 15 shows how to operate the part
in this mode. If the AD7823 is powered down, the rising edge of
the
CONVST pulse causes the part to power up. When the part
has powered up (
≈ 1.5 µs after the rising edge of CONVST), the
CONVST signal is brought low, and a conversion is initiated
on this falling edge of the
CONVST signal. The conversion
takes 5
µs max and after this time, the conversion result is latched
into the serial shift register and the part powers down. Therefore,
when the part is operated in Mode 2, the effective conversion
time is equal to the power-up time (1.5
µs) and the SAR conver-
sion time (5
µs), i.e., 6.5 µs.
As in the case of Mode 1 operation, the rising edge of the
CONVST pulse enables the serial port of the AD7823—see
Serial Interface section. If a serial read is initiated soon after this
rising edge (Point “A”), i.e., before the end of the conversion,
then the result of the previous conversion is shifted out on pin
DOUT. In order to read the result of the current conversion, the
user must wait at least 5
µs max after the falling edge of CONVST
before initiating a serial read. The serial port of the AD7823 is
still functional even though the AD7823 has been powered
down. Note: A serial read should not cross the reset rising edge
of
CONVST.
Because it is possible to do a serial read from the part while it is
powered down, the AD7823 is powered up only to do the conver-
sion and is immediately powered down at the end of a conversion.
This significantly improves the power consumption of the part
at slower throughput rates—see Power vs. Throughput Rate
section.
Note: Although the AD7823 takes 1.5
µs to power up after
the rising edge of
CONVST, it is not necessary to leave CONVST
high for 1.5
µs after the rising edge before bringing it low to
initiate a conversion. If the
CONVST signal goes low before
1.5
µs in time has elapsed, the power-up time is timed out inter-
nally and a conversion is initiated. Hence the AD7823 is guaran-
teed to have always powered up before a conversion is initiated—
even if the
CONVST pulsewidth is <1.5
µs. If the CONVST
width is >1.5
µs a conversion is initiated on the falling edge.
SERIAL INTERFACE
The serial interface of the AD7823 consists of three wires, a
serial clock input SCLK, serial port enable
CONVST and a
serial data output DOUT, see Figure 16 below. The serial inter-
face is designed to allow easy interfacing to most microcontrollers,
e.g., PIC16C, PIC17C, QSPI and SPI, without the need for any
gluing logic. When interfacing to the 8051, the SCLK must be
inverted. The “Microprocessor Interface” section explains how
to interface to some popular microcontrollers.
Figure 16 shows the timing diagram for a serial read from the
AD7823. The serial interface works with both a continuous and
a noncontinuous serial clock. The rising edge of the
CONVST
signal RESETS a counter, which counts the number of serial
clocks to ensure the correct number of bits are shifted out of the
serial shift registers. The SCLK is ignored once the correct
number of bits have been shifted out. In order for another serial
transfer to take place, the counter must be reset by the falling
edge of the eighth SCLK. Data is clocked out from the DOUT
line on the first rising SCLK edge after the rising edge of the
CONVST signal and on subsequent SCLK rising edges. The
DOUT pin goes back into a high impedance state on the falling
edge of the eighth SCLK. In multipackage applications, the
CONVST signal can be used as a chip select signal. The serial
interface will not shift data out until it receives a rising edge on
the
CONVST pin.


Similar Part No. - AD7823YN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7823YN AD-AD7823YN Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823YN AD-AD7823YN Datasheet
187Kb / 12P
   ADC in 8-Lead microSOIC/DIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com