Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC1203KLC40 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # TMC1203KLC40
Description  Triple Video A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC1203KLC40 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button TMC1203KLC40 Datasheet HTML 3Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 4Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 5Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 6Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 7Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 8Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 9Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 10Page - Fairchild Semiconductor TMC1203KLC40 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PRODUCT SPECIFICATION
TMC1203
7
Notes:
1. Absolute maximum ratings are limiting values applied individually while all other parameters are within specified operating
conditions. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed
only if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
5. EIAJ test method.
Operating Conditions
Analog Inputs
Applied Voltage
Measured to AGND
2
-0.5
VDDA+0.5
V
Forced current 3, 4
-10.0
+10.0
mA
Digital Outputs
Applied voltage
Measured to DGND2
-0.5
VDD + 0.5
V
Forced current 3, 4
-6.0
+6.0
mA
Short circuit duration
Single output in HIGH state to
ground)
1 second
Temperature
Operating, ambient
-20
110
°C
Junction
+150
°C
Lead, soldering
10 seconds
+300
°C
Vapor Phase soldering
1 minute
+220
°C
Storage
-65
+150
°C
Electrostatic Discharge5
±150
V
Parameter
Min.
Nom
Max.
Units
VDD, VDDA, VDDP
Power Supply Voltage
4.75
5.0
5.25
V
AGND
Analog Ground (Measured to DGND)
-0.1
0
0.1
V
VRTX
Reference Voltage, Top
2.6
VDDA
V
VRBX
Reference Voltage, Bottom
0
0.6
V
VRTX-VRBX
Reference Voltage Differential
1.0
2.0
5.0
V
VINX
Analog Input Range
VRB
VRT
V
VIH
Input Voltage, Logic HIGH
0.7 VDD
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.3 VDD
V
IOH
Output Current, Logic HIGH
-4.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C
Absolute Maximum Ratings (continued)
(beyond which the device may be damaged)1
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - TMC1203KLC40

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC1203KLC40 CADEKA-TMC1203KLC40 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
More results

Similar Description - TMC1203KLC40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3003 FAIRCHILD-TMC3003 Datasheet
96Kb / 12P
   Triple Video D/A Converter
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com