Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2413DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2413DRG4
Description  N1 and ORing Power Rail Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2413DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2413DRG4 Datasheet HTML 1Page - Texas Instruments TPS2413DRG4 Datasheet HTML 2Page - Texas Instruments TPS2413DRG4 Datasheet HTML 3Page - Texas Instruments TPS2413DRG4 Datasheet HTML 4Page - Texas Instruments TPS2413DRG4 Datasheet HTML 5Page - Texas Instruments TPS2413DRG4 Datasheet HTML 6Page - Texas Instruments TPS2413DRG4 Datasheet HTML 7Page - Texas Instruments TPS2413DRG4 Datasheet HTML 8Page - Texas Instruments TPS2413DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TPS2412 /13
NOTE:R
isOptional
(SET)
A
C
TPS2412
TPS2413
www.ti.com.......................................................................................................................................... SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008
N+1 and ORing Power Rail Controller
• Control External FET for N+1 and ORing
• Wide Supply Voltage Range of 3 V to 16.5 V
The TPS2412/13 controller, in conjunction with an
• Controls Buses From 0.8 V to 16.5 V
external N-channel MOSFET, emulates the function
• Linear or On/Off Control Method
of a low forward voltage diode. The TPS2412/13 can
be used to combine multiple power supplies to a
• Internal Charge Pump for N-Channel MOSFET
common bus in an N+1 configuration, or to combine
• Rapid Device Turnoff Protects Bus Integrity
redundant input power buses. The TPS2412 provides
• Positive Gate Control on Hot Insertion
a linear turn-on control while the TPS2413 has an
on/off control method.
• Soft Turn on Reduces Bus Transients
• Industrial Temperature Range: –40°C to 85°C
Applications for the TPS2412/13 include a wide range
of systems including servers and telecom. These
• 8-Pin TSSOP and SOIC Packages
applications often have either N+1 redundant power
supplies, redundant power buses, or both. Redundant
power sources must have the equivalent of a diode
• N+1 Power Supplies
OR to prevent reverse current during faults and
• Server Blades
hotplug. A TPS2412/13 and N-channel MOSFET
• Telecom Systems
provide this function with less power loss than a
schottky diode.
• High Availability Systems
Accurate
voltage
sensing
and
a
programmable
turn-off threshold allows operation to be tailored for a
wide
range
of
implementations
and
bus
characteristics. The TPS2412/13 are lower pin count,
reduced feature versions of the TPS2410/11.
Table 1. Family Features
TPS2410 TPS2411 TPS2412 TPS2413
Linear gate control
ON/OFF gate
control
Adjustable turn-off
threshold
Fast comparator
filtering
Voltage monitoring
Enable control
Mosfet fault
monitoring
Status pin
Figure 1. Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2413DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2413DRG4 TI1-TPS2413DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413DRG4 TI1-TPS2413DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2413DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com