Electronic Components Datasheet Search |
|
S5B-ZR-SM2-TF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
S5B-ZR-SM2-TF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page ZH CONNECTOR 1.5mm pitch/Disconnectable Crimp style connectors Emboss Tape 7.1 4.6 1.5 ±0.05 1.5min φ0.7 ±0.03 φ0.7 ±0.03 1.5 ±0.05 3.5 1.5min Top entry type Side entry type 1.5 (N-1) × 0.7min 1.5 ±0.05 0.9 ±0.05 φ1.1 +0.1 0 +0.9 1.5 ±0.05 1.3 ±0.1 1.5 ±0.1 0.7min 1.5 ±0.05 1.4 ±0.1 1.1 ±0.1 0.7min SM2 type Side entry type Side entry type SM4 type Top entry type The ZH connector is very small with a mounting height of 5.6mm and a thickness of only 3.5mm. Contact retention lances on the housing make insertion easier, while the dimple at the center of the contact ensures reliable contact with the post. • Compact, low profile design • Housing lances • Reliable contact construction • Distortion resistant construction • Compatible with the ZR insulation displacement connectors Specifications ––––––––––––––––––– • Current rating: 1.0A AC, DC (AWG #26) • Voltage rating: 50V AC, DC • Temperature range: -25˚C to +85˚C (including temperature rise in applying electrical current) • Contact resistance: Initial value/20m Ω max. After environmental testing/30m Ω max. • Insulation resistance: 500M Ω min. • Withstanding voltage: 500V AC/minute • Applicable wire: AWG #32 to #26 • Applicable PC board thickness: 0.6 to 1.2mm,1.6mm * RoHS compliant products are published. * Refer to "General Instruction and Notice when using Terminals and Connectors" at the end of this catalog. * Contact JST for details. Standards –––––––––––––––––––––– 0 Recognized E60389 1CertifiedLR20812 2R9351092 〈Through-hole type (viewed from soldering side) 〉 Note: 1. Tolerances are non-cumulative: ±0.05mm for all centers. 2. Hole dimension differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions should be larger. The dimensions above should serve as a guideline. Contact JST for details. 〈SMT type (viewed from component side) 〉 Note: 1. N...Number of circuits 2. Tolerances are non-cumulative: ±0.05mm for all centers. 3. The dimensions above should serve as a guideline. Contact JST for details. PC board layout and Assembly layout 16 |
Similar Part No. - S5B-ZR-SM2-TF |
|
Similar Description - S5B-ZR-SM2-TF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |