Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0510JB2E105B020A Datasheet(PDF) 4 Page - TDK Electronics

Part # C0510JB2E105B020A
Description  Part Number Change Notification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0510JB2E105B020A Datasheet(HTML) 4 Page - TDK Electronics

  C0510JB2E105B020A Datasheet HTML 1Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 2Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 3Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 4Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 5Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 6Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 7Page - TDK Electronics C0510JB2E105B020A Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2) New TDK Part Number Nomenclature – (CGA, CGJ, CGB, CEU
Series)
1) Series Name
CGA: Automotive Grade CEU: Serial Design
CGJ: High Reliability Grade CGB: Low Profile
2) Case Size Code JIS(EIA)
1: 0201 (0603) 5: 1206 (3216) 9: 2220 (5750)
2: 0402 (1005) 6: 1210 (3225)
3: 0603 (1608) 7: 1808 (4520)
4: 0805 (2012) 8: 1812 (4532)
3) Thickness Code
T:0.19mm, A:0.30mm, B:0.50mm, C:0.60mm, E:0.80mm, F:0.85mm,
G:1.10mm, H:1.15mm, J:1.25mm, K:1.30mm, L:1.60mm, M:2.00mm,
N:2.30mm, P:2.50mm, Q:2.80mm, R:3.20mm
4) Life Test Condition
1: 1.0 x Rated Voltage 3: 1.5 x Rated Voltage
2: 2.0 x Rated Voltage 4: 1.2 x Rated Voltage
5) Temperature Characteristics
C0G: -55 to +125
oC, 0±30ppm/ oC JB: -25 to +85oC, ±10%
X5R: -55 to +85
oC, ±15 X6S: -55 to +105oC, ±22% X7R: -55 to +125oC, ±15%
X7S: -55 to +125
oC, ±22% X7T: -55 to +125oC, +22/-33%
X8R: -55 to +150
oC, ±15%
6) Rated Voltage Code
0G:4V, 0J:6.3V, 1A:10V, 1C:16V, 1E:25V, 1V:35V, 1H:50V, 2A:100V, 2D:200V,
2E:250V, 2W:450V, 2H:500V, 2J:630V, 3A:1000V, 3D:2000V, 3F: 3000V
CGA ● 5 ● L ● 3 ● X7R ● 1H ● 105 ● K ● 160 ● A ● E
(1)
(2) (3) (4)
(5)
(6)
(7)
(8)
(9) (10) (11)


Similar Part No. - C0510JB2E105B020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0510X5R0J105M030AC TDK-C0510X5R0J105M030AC Datasheet
140Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0510X5R0J105M030AC TDK-C0510X5R0J105M030AC_16 Datasheet
140Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0510X5R0J105M030BC TDK-C0510X5R0J105M030BC Datasheet
247Kb / 3P
   Multilayer Ceramic Chip Capacitors
C0510X5R1A474M030BC TDK-C0510X5R1A474M030BC Datasheet
247Kb / 3P
   Multilayer Ceramic Chip Capacitors
C0510X5R1C104M030BC TDK-C0510X5R1C104M030BC Datasheet
246Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0510JB2E105B020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
AVX Corporation
SQCA2A620FA71A AVX-SQCA2A620FA71A Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com