Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2128UG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA2128UG4
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2128UG4 Datasheet(HTML) 1 Page - Texas Instruments

  INA2128UG4 Datasheet HTML 1Page - Texas Instruments INA2128UG4 Datasheet HTML 2Page - Texas Instruments INA2128UG4 Datasheet HTML 3Page - Texas Instruments INA2128UG4 Datasheet HTML 4Page - Texas Instruments INA2128UG4 Datasheet HTML 5Page - Texas Instruments INA2128UG4 Datasheet HTML 6Page - Texas Instruments INA2128UG4 Datasheet HTML 7Page - Texas Instruments INA2128UG4 Datasheet HTML 8Page - Texas Instruments INA2128UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.5
µV/°C max
q LOW INPUT BIAS CURRENT: 5nA max
q HIGH CMR: 120dB min
q INPUTS PROTECTED TO
±40V
q WIDE SUPPLY RANGE:
±2.25V to ±18V
q LOW QUIESCENT CURRENT: 700
µA / IA
q 16-PIN PLASTIC DIP, SOL-16
DESCRIPTION
The INA2128 is a dual, low power, general purpose instrumen-
tation amplifier offering excellent accuracy. Its versatile
3-op amp design and small size make it ideal for a wide range
of applications. Current-feedback input circuitry provides wide
bandwidth even at high gain (200kHz at G = 100).
A single external resistor sets any gain from 1 to 10,000.
Internal input protection can withstand up to
±40V without
damage.
The INA2128 is laser-trimmed for very low offset voltage
(50
µV), drift (0.5µV/°C) and high common-mode rejection
(120dB at G
≥ 100). It operates with power supplies as low as
±2.25V, and quiescent current is only 700µA per IA—ideal for
battery-operated and multiple-channel systems.
The INA2128 is available in SOL-16 packages, specified
for the –40
°C to +85°C temperature range.
APPLICATIONS
q SENSOR AMPLIFIER
THERMOCOUPLE, RTD, BRIDGE
q MEDICAL INSTRUMENTATION
q MULTIPLE-CHANNEL SYSTEMS
q BATTERY OPERATED EQUIPMENT
Dual, Low Power
INSTRUMENTATION AMPLIFIER
A1A
A2A
A3A
40k
40k
40k
40k
VINA
1
3
4
2
16
14
13
15
7
6
5
10
11
12
VINA
RGA
V+
V–
INA2128
RefA
VOA
GA = 1 +
50k
RGA
+
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
A1B
A2B
A3B
40k
40k
8
9
40k
40k
VINB
VINB
RGB
RefB
VOB
GB = 1 +
50k
RGB
+
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
INA2128
INA2
128
INA2128
SBOS035A – DECEMBER 1995 – REVISED APRIL 2007
Copyright © 1995-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - INA2128UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2128UG4 TI1-INA2128UG4 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2128UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com